Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 3 Page - Analog Devices

  ADMV7320 Datasheet HTML 1Page - Analog Devices ADMV7320 Datasheet HTML 2Page - Analog Devices ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 3 of 29
SPECIFICATIONS
TA = −40°C to +85°C, IF = 1 GHz, LO power = 4 dBm, VD_AMP = +4 V, VGA_CTL12 = −5 V, VG_MIXER = −1 V, VD_MULT = +1.5
V, VGA_VD12 = VGA_VD345 = VGA_VD6 = +4 V, and PA_VD1 = PA_VD2 = +4 V, unless otherwise noted. Measurements
performed as upconverter with upper sideband selected and an external 90° hybrid followed by two external 180° hybrids at the IF ports.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
Output RF
81
86
GHz
LO
13.4
14.6
GHz
Input IF
DC
2
GHz
LO Drive Level Range
0
4
8
dBm
Input Signal Level
Total baseband power
−4
dBm
PERFORMANCE
Maximum Conversion Gain
−20 dBm input
23.5
33
43.5
dB
Gain Tuning Range
40
dB
Gain Flatness
3
dB
Sideband Rejection
−4 dBm input
15
20
dBc
Output Power for 1 dB Compression (OP1dB)
Gain = 23.5 dB
21.5
25
dBm
Gain = 19.5 dB
21.5
25
dBm
Gain = 10.5 dB
16.5
24
dBm
Gain = 3.5 dB
9.5
18
dBm
Saturated Output Power (PSAT)
Gain = 23.5 dB
23
26
dBm
Gain = 19.5 dB
23
26
dBm
Gain = 10.5 dB
17.5
25
dBm
Gain = 3.5 dB
10.5
19
dBm
Noise Figure (NF)
Gain = 23.5 dB
26
dB
Gain = 19.5 dB
26
dB
Gain = 10.5 dB
29
dB
Gain = 3.5 dB
31
dB
6× LO to RF Rejection
RF port (uncalibrated)
Gain = 23.5 dB
5
dBc
Gain = 19.5 dB
5
dBc
Gain = 10.5 dB
5
dBc
Gain = 3.5 dB
5
dBc
Output Third-Order Intercept (OIP3)
Gain = 23.5 dB, output power (POUT) =
16.5 dBm per tone
27
31
dBm
Gain = 19.5 dB, POUT = 12.5 dBm per tone
26
28.5
dBm
Gain = 10.5 dB, POUT = 3.5 dBm per tone
22
24
dBm
Gain = 3.5 dB, POUT = −3.5 dBm per tone
16
20
dBm
Output Waveguide Port Return Loss
7
dB
Baseband Input Return Loss
15
dB
LO Port Return Loss
8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com