Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices ADMV7320 Datasheet HTML 27Page - Analog Devices ADMV7320 Datasheet HTML 28Page - Analog Devices ADMV7320 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 26 of 29
GAIN TUNING PROCEDURE
The ADMV7320 features three different mechanisms to control
the total gain of the transmitter. The first mechanism is the
variable gain control of the variable gain control amplifier of
the transmitter. The variable gain control is controlled by the
VGA_CTL12 pin. The voltage control range to achieve
maximum and minimum gain from the VGA is −5 V to −1 V.
The second mechanism for further gain control is to lower the
IVGA_VD345 and IVGA_VD6 current consumption via the
VGA_VG345 and VGA_VG6 pins from the nominal
VGA_VG345 + VGA_VG6 voltage to achieve the nominal
IVGA_VD12 + IVGA_VD345 + IVGA_VD6 current consumption. The third
mechanism is to lower the IPA_VD1 current consumption via
PA_VG1 from the nominal PA_VG1 voltage to achieve the
nominal IPA_VD1 + IPA_VD2 current consumption.
See Table 5 for additional details as to which gain control
mechanism to use per the desired gain control range required.
The settings detailed in Table 5 are guidelines for a gain control
approach and may need adjustment depending on application
requirements over temperature and frequency.
Follow the gain tuning order to control the gain to achieve the
correct gain level for optimal performance.
Table 5. Recommended Gain Settings
Gain
Tuning
Order
Gain
Reduction
Range (dB)
Gain Tuning
Recommended
Gain Tuning
Voltage Range (V)
Description of Gain Tuning Procedure
1
0 to 10
VGA_CTL12
−5 to −1
To achieve maximum gain, set VGA_CTL12 to −5 V. To achieve a gain
reduction between 0 dB and 10 dB, adjust VGA_CTL12 between −5 V
and −1 V (−1 V is the typical minimum gain for the VGA). For both of
these conditions, follow the bias procedure in the Theory of Operation
section to bias the ADMV7320 to the normal operating currents.
2
10 to 25
VGA_VG345 +
VGA_VG6
−2 to 0
To achieve greater than 10 dB to 25 dB gain reduction, adjust VGA_CTL12
between −5 V and −1 V. If further gain reduction is required to achieve
25 dB gain reduction after conducting Gain Tuning Order 1, lower
IVGA_VD345 + IVGA_VD6 by adjusting VGA_VG345 + VGA_VG6 between −2 V
and 0 V to achieve the correct gain level. The total current consumption
of IVGA_VD345 + IVGA_VD6 while adjusting the VGA_VG345 + VGA_VG6 to drop
to 45 mA (nominal IVGA_VD345 + IVGA_VD6 is 215 mA).
3
25 to 40
PA_VG1
−2 to 0
To achieve greater than 25 dB to 40 dB gain reduction, adjust VGA_CTL12
to −1 V and adjust the total current consumption of IVGA_VD345 + IVGA_VD6
between 200 mA and 45 mA per Gain Tuning Order 2. If further gain
reduction is needed to achieve 40 dB gain reduction after conducting
Gain Tuning Order 2, lower IPA_VD1 by adjusting PA_VG1 between −2 V
and 0 V to achieve the correct gain level. The total current consumption
of IPA_VD1 while adjusting PA_VG1 must not drop below 100 mA (nominal
IPA_VD1 is 400 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com