Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices ADMV7320 Datasheet HTML 27Page - Analog Devices ADMV7320 Datasheet HTML 28Page - Analog Devices ADMV7320 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 28 of 29
TYPICAL APPLICATION CIRCUIT
Figure 86 shows the typical application circuit.
1
2
3
4
5
6
7
9
10
11
12
RFOUT
ADMV7320
TOP VIEW
(Not to Scale)
4.7µF
4.7µF 4.7µF
4.7µF
4.7µF
4.7µF
VGA_VG12
IF_QP
IN
IFQ_IN
IFI_IN
IFIN
90°
COUPLER
180°
COUPLER
180°
COUPLER
IN
IF_QN
IF_IN
IF_IP
VGA_VD12
ENV_DET
VGA_CTL12
LOIN
8
4.7µF
4.7µF
4.7µF
3.48kΩ
150Ω
1MF
+
+
+
+
+
+
+
+
+
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
+
+
+
+
+
+
+
Figure 86. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com