Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 2Page - Analog Devices ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 6 of 29
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
9
10
11
12
RFOUT
GND
IF_IP
IF_IN
GND
IF_QN
IF_QP
VGA_VG12
GND
VGA_VD12
ENV_DET
GND
VGA_CTL12
PORT 1
ADMV7320
TOP VIEW
(Not to Scale)
8
NOTES
1. EXPOSED PADS. THE EXPOSED GROUND PADS MUST BE CONNECTED
TO RF AND DC GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6, 8, 12 to 15, 18, 23, 25, 27, 30 to 34, 36,
38, 39, 41, 43, 45, 47, 50
GND
Ground Connections. These pins must be connected to RF and dc ground.
2
IF_IP
Positive IF In Phase Input. This pin is dc-coupled. When operation to dc is not
required, block this pin externally using a series capacitor with a value chosen
to pass the necessary frequency range. For operation to dc, this pin must not
source or sink more than 3 mA of current or device malfunction and device
failure may result.
3
IF_IN
Negative IF In Phase Input. This pin is dc-coupled. When operation to dc is not
required, block this pin externally using a series capacitor with a value chosen
to pass the necessary frequency range. For operation to dc, this pin must not
source or sink more than 3 mA of current or device malfunction and device
failure may result.
4
IF_QN
Negative IF Quadrature Input. This pin is dc-coupled. When operation to dc is
not required, block this pin externally using a series capacitor with a value chosen
to pass the necessary frequency range. For operation to dc, this pin must not
source or sink more than 3 mA of current or device malfunction and device failure
may result.
5
IF_QP
Positive IF Quadrature Input. This pin is dc-coupled. When operation to dc is
not required, block this pin externally using a series capacitor with a value
chosen to pass the necessary frequency range. For operation to dc, this pin
must not source or sink more than 3 mA of current or device malfunction and
device failure may result.
7
VGA_VG12
Gate Control for the First and Second Stage Variable Gain Amplifier. See Figure 86
for the recommended external components.
9
VGA_VD12
Drain Voltage for the First and Second Stage Variable Gain Amplifier. See Figure 86
for recommended external components.
10
ENV_DET
Envelope Detector. See Figure 86 for the recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com