Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 27 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices ADMV7320 Datasheet HTML 27Page - Analog Devices ADMV7320 Datasheet HTML 28Page - Analog Devices ADMV7320 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 27 of 29
LAYOUT
Solder the exposed pad on the underside of the ADMV7320 to a
low thermal and electrical impedance ground plane. This pad is
typically soldered to an exposed opening in the solder mask.
Connect these ground vias to all other ground layers to maximize
heat dissipation from the device package.
Figure 84 illustrates the recommended mechanical layout on
the interface plate used to interface to the WR-12 waveguide
opening of the ADMV7320. The recommended PCB land
pattern footprint is shown in Figure 85.
NOTES:
1. REMOVE BURRS AND BREAK SHARP EDGES.
2. ALL INTERNAL RADII ARE 0.090 UNLESS OTHERWISE NOTED.
3. SURFACE FINISH 32 RMS UNLESS OTHERWISE SPECIFIED.
4. DIMENSIONS APPLY AFTER PLATING.
5. MATERIAL: ALUMINUM 6061-T6 PER QQ-A-250/11.
6. FINISH: NONE.
7. INSTALL DOWEL PINS.
8. USE ELECTRONIC DATA FOR ALL GEOMETRY THAT IS NOT DIMENSIONED.
(Ø0.563)
2× Ø0.0595±0.0005 THRU
MARKED A
2× Ø0.067±0.003 THRU
MARKED B
NOTE: 7
PRESS FIT ALIGNMENT PINS (QTY 2)
TO HEIGHT SHOWN THIS SIDE
4× R0.016
0.981
0.761
0.639
2× 0.899
2× 0.501
0.419
B
B
A
A
0.061 (1.55)
0.122 (3.10)
0.000
0.000
PART LIST
ITEM
1
QTY
2
VENDOR
VARIOUS
STOCK NUMBER
VARIOUS
DESCRIPTION
PIN, ALIGNMENT, FLANGE, 0.0615 DIA
DETAIL A
Figure 84. Recommended Standard WR-12 Footprint
NOTES
1. WAVEGUIDE OPENING TO BE FULLY EDGE PLATED.
2. FILL AREA UNDER DEVICE WITH AN ARRAY OF
0.010 INCH VIAS (FILLED, RECOMMENDED 0.025 INCH PITCH).
DETAIL A
WAVEGUIDE
0.014
(0.36)
0.120
(3.05)
0.031
(0.80)
0.280
(7.10)
0.173
(4.40)
0.559
(14.20)
0.208
(5.29)
0.319
(8.10)
0.022
(0.55)
0.110
(2.80)
0.122
(3.10)
0.061
(1.55)
0.044
(1.11)
0.049
(1.24)
0.014
(0.35)
R0.010
(R.25)
0.546
(13.88)
0.016
(0.40)
0.079
(2.00)
0.037
(0.95)
0.185
(4.70)
0.132
(3.35)
0.124
(3.14)
0.225
(5.73)
0.102
(2.60)
0.041
(1.05)
PCB SOLDERMASK KEEPOUT
PCB SOLDER PASTE MASK
PCB METAL FOOTPRINT
0.085
(2.15)
0.124
(3.15)
0.185
(4.70)
0.012
(0.30)
0.124
(3.15)
0.372
(9.45)
0.186
(4.73)
0.061
(1.55)
SEE
DETAIL A
Figure 85. PCB Land Pattern Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com