Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices ADMV7320 Datasheet HTML 13Page - Analog Devices ADMV7320 Datasheet HTML 14Page - Analog Devices ADMV7320 Datasheet HTML 15Page - Analog Devices ADMV7320 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 12 of 29
20
–4
70
250
VGA DRAIN CURRENT (mA)
86.0GHz
83.5GHz
81.0GHz
–2
0
2
4
6
8
10
12
14
16
18
90
110
130
150
170
190
210
230
Figure 33. Conversion Gain vs. VGA Drain Current at Various RF Frequencies,
VGA_CTL12 = −1 V
300
0
–0.85
–0.45
VGA_VG345 + VGA_VG6 VOLTAGE (V)
50
100
150
200
250
–0.80
–0.75
–0.70
-0.65
–0.60
–0.55
–0.50
86.0GHz
83.5GHz
81.0GHz
Figure 34. VGA Drain Current vs. VGA_VG345 + VGA_VG6 Voltage at Various
Frequencies
850
450
–0.86
–0.46
VGA_VG345 + VGA_VG6 VOLTAGE (V)
500
550
600
650
700
750
800
–0.81
–0.76
–0.71
–0.66
–0.61
–0.56
–0.51
86.0GHz
83.5GHz
81.0GHz
Figure 35. PA Drain Current vs. VGA_VG345 + VGA_VG6 Voltage at Various
Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com