Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices ADMV7320 Datasheet HTML 27Page - Analog Devices ADMV7320 Datasheet HTML 28Page - Analog Devices ADMV7320 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 25 of 29
APPLICATIONS INFORMATION
POWER-UP BIAS SEQUENCE
The ADMV7320 functional blocks use active multiple amplifier
and multiplier stages that all use depletion mode
pseudomorphic high electron mobility transistors (pHEMTs).
To ensure transistor damage does not occur, use the following
power-up bias sequence and do not apply RF power to the
device on the LO or IF ports before powering up the device:
1.
Apply −2 V bias to VG_MULT, VG_AMP, VGA_VG12,
VGA_VG345, VGA_VG6, PA_VG1, and PA_VG2.
2.
Apply −1 V bias to VG_MIXER.
3.
Apply between −5 V (minimum attenuation) and −1 V
(maximum attenuation) bias to VGA_CTL12.
4.
Apply 1.5 V bias to VD_MULT.
5.
Apply a 4 V bias to VD_AMP, VGA_VD12, VGA_VD345,
VGA_VD6, PA_VD1, PA_VD2, DET1_REF_BIAS,
DET1_OUT_BIAS, DET2_REF_BIAS and
DET2_OUT_BIAS (see Figure 86).
6.
Adjust VG_AMP between −2 V and 0 V to achieve a total
IVD_AMP current of 175 mA.
7.
Adjust VGA_VG12 between −2 V and 0 V to achieve a
total IVGA_VD12 current of 35 mA.
8.
Adjust VGA_VG345 and VGA_VG6 between −2 V and 0 V
to achieve a total IVGA_VD345 and IVGA_VD6 current of 215 mA.
9.
Adjust PA_VG1 between −2 V and 0 V to achieve a total
IPA_VD1 current of 400 mA.
10. Adjust PA_VG2 between −2 V and 0 V to achieve a total
IPA_VD2 current of 400 mA.
11. Apply a LO input signal on the LO port and adjust
VG_MULT between −2 V and 0 V to achieve a total
IVD_MULT current of 80 mA.
POWER-DOWN BIAS SEQUENCE
To power-down the ADMV7320, take the following steps:
1.
Apply a 0 V bias to VD_MULT, VD_AMP, VGA_VD12,
VGA_VD345, VGA_VD6, PA_VD1, PA_VD2,
DET1_REF_BIAS, DET1_OUT_BIAS, DET2_REF_BIAS,
and DET2_OUT_BIAS supply voltage per application
circuit.
2.
Apply a 0 V bias to VGA_CTL12.
3.
Apply a 0 V bias to VG_MIXER.
4.
Apply a 0 V bias to VG_MULT, VG_AMP, VGA_VG12,
VGA_VG345, VGA_VG6, PA_VG1, and PA_VG2.
LO NULLING
LO nulling is required to achieve optimal overall RF performance,
especially for LO to RF rejection. This nulling is achieved by
applying dc voltages (VDC) between −0.2 V and +0.2 V to the
IF_IN, IF_IP, IF_QN, and IF_QP ports to suppress the 6× LO
signal at the RFOUT port across the RF frequency band by
approximately 40 dBc. To suppress the 6× LO signal at the
RFOUT port, use the following nulling sequence:
1.
Adjust IF_IN VDC between −0.2 V and +0.2 V. Monitor the
6× LO leakage on the RFOUT port. When the desired or
maximum level of suppression is achieved, proceed to
Step 2.
2.
Adjust IF_IP VDC between −0.2 V and +0.2 V. Monitor the
6× LO leakage on the RFOUT port. When the desired or
maximum level of suppression is achieved, proceed to
Step 3.
3.
Adjust IF_QN VDC input between −0.2 V and +0.2 V.
Monitor the 6× LO leakage on the RFOUT port. When the
desired or maximum level of suppression is achieved,
proceed to Step 4.
4.
Adjust IF_QP VDC between −0.2 V and +0.2 V. Monitor
the 6× LO leakage on the RFOUT port. When the desired
or maximum level of suppression is achieved, proceed to
Step 5.
5.
If the desired level of the 6× LO signal on the RFOUT port
is still not achieved, further tune each dc voltage to the
IF_IN, IF_IP, IF_QN, and IF_QP ports by repeating Step 1
through Step 4. The resolution of the voltage changed on
the dc voltage of the inputs must be in the millivolt.
6.
To ensure that the mixer core is not damaged during the
LO nulling, limit each current to IF_IN, IF_IP, IF_QN,
and IF_QP to 3 mA.
7.
LO nulling must be conducted with any change in input
LO frequency, temperature change, or when Gain Tuning
Order 1 is conducted. The level of suppression changes as
those conditions vary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com