Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 15Page - Analog Devices ADMV7320 Datasheet HTML 16Page - Analog Devices ADMV7320 Datasheet HTML 17Page - Analog Devices ADMV7320 Datasheet HTML 18Page - Analog Devices ADMV7320 Datasheet HTML 19Page - Analog Devices ADMV7320 Datasheet HTML 20Page - Analog Devices ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 19 of 29
DETECTOR PERFORMANCE
0.35
0
–10
6
–8
–6
–4
–2
0
2
4
10MHz
100MHz
240MHz
490MHz
740MHz
990MHz
0.05
0.10
0.15
0.20
0.25
0.30
TOTAL INPUT POWER (dBm)
Figure 69. Envelope Detector Output Voltage vs. Total Input Power for
Various Input Tone Spacings, RF = 81 GHz
0.30
0
–10
6
0.05
0.10
0.15
0.20
0.25
–8
–6
–4
–2
0
2
4
10MHz
100MHz
240MHz
490MHz
740MHz
990MHz
TOTAL INPUT POWER (dBm)
Figure 70. Envelope Detector Output Voltage vs. Total Input Power for
Various Input Tone Spacings, RF = 83.5 GHz
0.30
0
–10
6
TOTAL INPUT POWER (dBm)
0.05
0.10
0.15
0.20
0.25
–8
–6
–4
–2
0
2
4
10MHz
100MHz
240MHz
490MHz
740MHz
990MHz
Figure 71. Envelope Detector Output Voltage vs. Total Input Power for
Various Input Tone Spacings, RF = 86 GHz
10
1
0.1
0.01
0.001
–5
25
OUTPUT POWER (dBm)
0
5
10
15
20
+85°C
+25°C
–40°C
Figure 72. PA Detector Output Voltage (DET2_REF − DET2_OUT) vs. Output
Power over Temperatures, RF = 81 GHz
10
1
0.1
0.01
0.001
–5
25
OUTPUT POWER (dBm)
0
5
10
15
20
+85°C
+25°C
–40°C
Figure 73. PA Detector Output Voltage (DET2_REF − DET2_OUT) vs. Output
Power over Temperatures, RF = 83.5 GHz
10
1
0.1
0.01
0.001
–5
25
OUTPUT POWER (dBm)
0
5
10
15
20
+85°C
+25°C
–40°C
Figure 74. PA Detector Output Voltage (DET2_REF − DET2_OUT) vs. Output
Power over Temperatures, RF = 86 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com