Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices ADMV7320 Datasheet HTML 13Page - Analog Devices ADMV7320 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 10 of 29
14
12
10
8
6
4
2
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 21. 6× LO Rejection vs. RF Frequency over Temperature,
Gain = 23.5 dB
30
10
81.0
86.0
RF FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 22. Output P1dB vs. RF Frequency over Temperature,
Gain = 23.5 dB
30
29
28
27
26
25
24
23
22
21
20
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 23. PSAT vs. RF Frequency over Temperature, Gain = 23.5 dB
14
12
10
8
6
4
2
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
0dBm
2dBm
4dBm
6dBm
Figure 24. 6× LO Rejection vs. RF Frequency over LO Power,
Gain = 23.5 dB
42
10
14
18
22
26
30
34
38
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 25. Output IP3 vs. RF Frequency at Various Gains
50
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
5
10
15
20
25
30
35
40
45
3.5dB
10.5dB
19.5dB
23.5dB
Figure 26. Sideband Rejection vs. RF Frequency at Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com