Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 8 of 29
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
VG_MIXER
IF_IP, IF_IN
IF_QN, IF_QP
Figure 4. IF_IP, IF_IN, IF_QN, IF_QP, and VG_MIXER Interface Schematic
VGA_VG12
VGA_VG345
VGA_VG6
Figure 5. VGA_VG12, VGA_VG345, and VGA_VG6 Interface Schematic
VGA_VD12
VGA_VD345
VGA_VD6
Figure 6. VGA_VD12, VGA_VD345, and VGA_VD6 Interface Schematic
ENV_DET
Figure 7. ENV_DET Interface Schematic
VGA_CTL12
Figure 8. VGA_CTL12 Interface Schematic
DET1_REF
DET2_REF
DET1_OUT
DET2_OUT
Figure 9. DET1_REF, DET2_REF, DET1_OUT, and DET2_OUT Interface
Schematic
PA_VG1,
PA_VG2
Figure 10. PA_VG1, PA_VG2 Interface Schematic
PA_VD1
PA_VD2
Figure 11. PA_VD1, PA_VD2 Interface Schematic
LOIN
Figure 12. LOIN Interface Schematic
VG_AMP,
VG_MULT
VD_AMP,
VD_MULT
Figure 13. VD_AMP, VD_MULT, VG_AMP, and VG_MULT Interface
Schematic
RFOUT
Figure 14. RFOUT Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com