Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 7 of 29
Pin No.
Mnemonic
Description
11
VGA_CTL12
Gain Control Voltage for the First and Second Stage Variable Gain Amplifier.
See Figure 86 for the recommended external components.
16
VGA_VG345
Gate Control for the Third, Fourth, and Fifth Stage Variable Gain Amplifier. See
Figure 86 for the recommended external components.
17
VGA_VD345
Drain Voltage for the Third, Fourth, and Fifth Stage Variable Gain Amplifier. See
Figure 86 for the recommended external components.
19
VGA_VG6
Gate Control for the Sixth Stage Variable Gain Amplifier. See Figure 86 for the
recommended external components.
20
VGA_VD6
Drain Voltage for the Sixth Stage Variable Gain Amplifier. See Figure 86 for the
recommended external components.
21
DET1_REF
Reference Voltage for the VGA Power Detector. DET1_REF is the dc bias of the
diode biased through an external resistor used for the temperature
compensation of DET1_OUT.
22
DET1_OUT
Detector Voltage for the VGA Power Detector. DET1_OUT is the dc voltage
representing the RF output power rectified by the diode, which is biased
through an external resistor.
24
PA_VG1
Gate Voltage for the First Power Amplifier. See Figure 86 for the recommended
external components.
26
PA_VG2
Gate Voltage for the Second Power Amplifier. See Figure 86 for the
recommended the external components.
28
DET2_REF
Reference Voltage for the PA Power Detector. DET2_REF is the dc bias of the
diode biased through an external resistor used for the temperature
compensation of DET2_OUT.
29
DET2_OUT
Detector Voltage for the VGA Power Detector. DET2_OUT is the dc voltage
representing the RF output power rectified by the diode, which is biased
through an external resistor.
35
PA_VD2
Drain Voltage for the Second Power Amplifier. See Figure 86 for the
recommended external components.
37
PA_VD1
Drain Voltage for the First Power Amplifier. See Figure 86 for the
recommended external components.
40
LOIN
LO Input. This pin is dc-coupled and matched to 50 Ω.
42
VG_MULT
Gate Voltage for the LO Multiplier. See Figure 86 for the recommended
external components.
44
VD_MULT
Drain Voltage for the LO Multiplier. See Figure 86 for the recommended
external components.
46
VG_AMP
Gate Voltage for the LO Amplifier. See Figure 86 for the recommended external
components.
48
VD_AMP
Drain Voltage for the LO Amplifier. See Figure 86 for the recommended
external components.
49
VG_MIXER
Gate Voltage for the Field Effect Transistor (FET) Mixer. See Figure 86 for the
recommended external components.
PORT 1
RFOUT
WR-12 Waveguide Port. This port is ac-coupled and matched to the waveguide
output impedance.
EPAD
Exposed Pads. The exposed ground pads must be connected to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com