Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 5 Page - Analog Devices

  ADMV7320 Datasheet HTML 1Page - Analog Devices ADMV7320 Datasheet HTML 2Page - Analog Devices ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 5 of 29
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VD_AMP
4.5 V
VD_MULT
3 V
VGA_VD12, VGA_VD345, and VGA_VD6
4.5 V
PA_VD1 and PA_VD2
4.5 V
VG_AMP
−3 V to +0.2 V
VG_MULT
−3 V to +0.2 V
VGA_VG12, VGA_VG345, and VGA_VG6
−3 V to +0.2 V
PA_VG1 and PA_VG2
−3 V to +0.2 V
VGA_CTL12
−6 V to 0 V
LO Drive
10 dBm
Baseband Input (IF_IP, IF_IN, IF_QP, and
IF_QN)
4 dBm
IF Source and Sink Current
3 mA
Nominal Junction Temperature (TA = 85°C)
160°C
Maximum Junction Temperature
(to Maintain 1 Million Hours Mean Time
to Failure (MTTF))
190°C
Maximum Junction Temperature
(to Maintain 3 Million MTTF)
175°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +150°C
Maximum Peak Reflow Temperature
(Moisture Sensitivity Level 3 (MSL3))
260°C
Thermal Humidity Bias (THB)
JESD22-A1011, 2, 3
Thermal Humidity Storage (THS)
JESD22-A1011, 3
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
200 V
Field Induced Charged Device Model
(FICDM)
300 V
1 Samples subject to preconditioning (per J-STD-020 Level 3) prior to the start
of the stress test. Level 3 preconditioning consists of the following: bake for
24 hours at 125°C, unbiased soak for 192 hours at 30°C and 60% relative
humidity (RH), and reflow of three passes through an oven with a peak
temperature of 260°C.
2 Results valid for 600 mW of nominal dc power dissipation for all active
devices. Analog Devices, Inc., recommends that users perform their own THB
test for all other bias conditions.
3 Valid for package vent hole solder sealed or unsealed during test.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case (or die to package) thermal resistance.
Table 3. Thermal Resistance1
Package Type
θJC
Unit
CE-50-2
15
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P test board
with 16 mm × 14 mm thermal vias. Refer to JEDEC standard JESD51-2 for
additional information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com