Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 19Page - Analog Devices ADMV7320 Datasheet HTML 20Page - Analog Devices ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices ADMV7320 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 23 of 29
THEORY OF OPERATION
The ADMV7320 is a fully integrated SiP, I/Q upconverter that
is made up of three functional blocks: a mixer and LO path, an
envelope detector, a VGA, and a power detector, and a power
amplifier and power detector.
MIXER AND LO PATH
The first functional block is a gallium arsenide (GaAs) I/Q
upconverter driven by a 6× LO multiplier. The 6× multiplier
allows the use of a lower frequency range LO input signal
between 13.4 GHz and 14.6 GHz. The 6× multiplier is
implemented using a cascade of 3× and 2× multipliers. LO
buffer amplifiers are included on chip to allow a typical LO
drive level of 4 dBm for typical performance. The LO path feeds
a quadrature splitter followed by on-chip baluns that drive the I
and Q mixer cores. The mixer cores comprise of singly balanced
passive mixers. The RF outputs of the I and Q mixers are then
summed through an on-chip Wilkinson power combiner,
which is then fed into the second functional block.
ENVELOPE DETECTOR, VGA, AND POWER
DETECTOR
The second functional block is a VGA (see Figure 81). The VGA
utilizes multiple gain stages and staggered voltage variable
attenuation stages to form a low noise, high linearity variable
gain amplifier. The first stage of the VGA is a low noise
preamp. A portion of the signal is coupled away and further
amplified before driving an on-chip envelope detector. The
envelope detector provides an output that is proportional to the
peak envelope power of the incoming signal.
The preamp is followed by the first voltage variable attenuator
in the signal path. Then, a second stage amplifier provides
additional gain and isolation before driving the second variable
attenuator block. Three cascaded gain stages follow the second
variable attenuator.
At the output of the second stage, another coupler taps off a
small portion of the output signal. The coupled signal is presented
to an on-chip diode detector for external monitoring of the
output power. A matched reference diode, Detector 1 (DET1),
is included to help correct for detector temperature dependencies.
A typical application circuit for the power detector is shown in
Figure 83.
See the Applications Information section for further details on
biasing the different blocks. The output of the VGA then feeds
into the third functional block of the ADMV7320.
POWER AMPLIFIER AND POWER DETECTOR
The third block is a power amplifier that uses four cascaded
gain stages to form the amplifier, see Figure 82.At the output of
the last stage, a coupler taps off a small portion of the output
signal. The coupled signal is presented to an on-chip diode
detector for external monitoring of the output power. A matched
reference diode, Detector 2 (DET2), is included to help correct for
detector temperature dependencies.
DET1_REF DET1_OUT
OUTPUT
ENVELOPE
DETECTOR
INPUT
VGA_CTL12
ENV_DET
Figure 81. Variable Gain Amplifier Circuit Architecture
DET2_REF
DET2_OUT
OUTPUT
INPUT
Figure 82. Power Amplifier Circuit Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com