Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices ADMV7320 Datasheet HTML 13Page - Analog Devices ADMV7320 Datasheet HTML 14Page - Analog Devices ADMV7320 Datasheet HTML 15Page - Analog Devices ADMV7320 Datasheet HTML 16Page - Analog Devices ADMV7320 Datasheet HTML 17Page - Analog Devices ADMV7320 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 14 of 29
42
10
14
18
22
26
30
34
38
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 42. Output IP3 vs. RF Frequency at Various Gains
50
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
5
10
15
20
25
30
35
40
45
3.5dB
10.5dB
19.5dB
23.5dB
Figure 43. Sideband Rejection vs. RF Frequency at Various Gains
10
9
8
7
6
5
4
3
2
1
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 44. 6× LO to RF Rejection vs. RF Frequency at Various Gains
30
10
81.0
86.0
RF FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 45. Output P1dB vs. RF Frequency at Various Gains
30
10
81.0
86.0
RF FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 46. PSAT vs. RF Frequency at Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com