Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 16Page - Analog Devices ADMV7320 Datasheet HTML 17Page - Analog Devices ADMV7320 Datasheet HTML 18Page - Analog Devices ADMV7320 Datasheet HTML 19Page - Analog Devices ADMV7320 Datasheet HTML 20Page - Analog Devices ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 20 of 29
0.1
1
10
100
1000
–5
0
5
10
15
20
25
OUTPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 75. PA Detector Sensitivity vs. Output Power over Temperature,
RF = 81 GHz
0.1
1
10
100
1000
–5
0
5
10
15
20
25
OUTPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 76. PA Detector Sensitivity vs. Output Power over Temperature,
RF = 83.5 GHz
0.1
1
10
100
1000
–5
0
5
10
15
20
25
OUTPUT POWER (dBm)
+85°C
+25°C
–40°C
Figure 77. PA Detector Sensitivity vs. Output Power over Temperature,
RF = 86 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com