Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices ADMV7320 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 9 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, IF = 1 GHz, IF input power = −4 dBm combined, LO power = +4 dBm, gain adjusted per the Applications Information
section, and upper sideband selected, unless otherwise noted.
40
20
81.0
86.0
RF FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 15. Maximum Conversion Gain vs. RF Frequency over Temperature, IF
Input Power = −20 dBm
40
20
81.0
86.0
RF FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
Figure 16. Output IP3 vs. RF Frequency over Temperature, Gain = 23.5 dB
50
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
+85°C
+25°C
–40°C
5
10
15
20
25
30
35
40
45
Figure 17. Sideband Rejection vs. RF Frequency over Temperature,
Gain = 23.5 dB
40
20
81.0
86.0
RF FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
0dBm
2dBm
4dBm
6dBm
8dBm
Figure 18. Maximum Conversion Gain vs. RF Frequency over LO Power,
IF Input Power = −20 dBm
40
20
81.0
86.0
RF FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
0dBm
2dBm
4dBm
6dBm
Figure 19. Output IP3 vs. RF Frequency over LO Power, Gain = 23.5 dB
40
0
5
10
15
20
25
30
35
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
0dBm
2dBm
4dBm
6dBm
Figure 20. Sideband Rejection vs. RF Frequency over LO Power,
Gain = 23.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com