Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV7320 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 1 Page - Analog Devices

  ADMV7320 Datasheet HTML 1Page - Analog Devices ADMV7320 Datasheet HTML 2Page - Analog Devices ADMV7320 Datasheet HTML 3Page - Analog Devices ADMV7320 Datasheet HTML 4Page - Analog Devices ADMV7320 Datasheet HTML 5Page - Analog Devices ADMV7320 Datasheet HTML 6Page - Analog Devices ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
E-Band Upconverter SiP,
81 GHz to 86 GHz
Data Sheet
ADMV7320
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Maximum conversion gain: 33 dB typical
Gain tuning range: 40 dB minimum
PSAT: 26 dBm typical for a gain = 23.5 dB and 19.5 dB
OIP3: 31 dBm typical for a gain = 23.5 dB and POUT =
16.5 dBm per tone
OP1dB: 25 dBm typical for a gain = 23.5 dB and 19.5 dB
Built-in power detector
Built-in envelope detector for LO nulling
Fully integrated, surface-mount, 50-terminal, 16.00 mm ×
14.00 mm LGA_CAV package
APPLICATIONS
E-band communication systems
High capacity wireless backhauls
Test and measurement
Aerospace and defense
GENERAL DESCRIPTION
The ADMV7320 is a fully integrated system in package (SiP),
in phase/quadrature (I/Q) upconverter that operates between
an intermediate frequency (IF) input range of dc and 2 GHz
and a radio frequency (RF) output range of 81 GHz and 86 GHz.
The device uses an image rejection mixer that is driven by a 6×
local oscillator (LO) multiplier. The mixer RF output is followed
by a variable gain amplifier (VGA) and a power amplifier (PA),
providing a conversion gain of 33 dB typical. Differential I and
Q mixer inputs are provided and can be driven with differential
I and Q baseband waveforms for direct conversion applications.
Alternatively, the inputs can be driven using an external 90° hybrid
and two external 180 hybrids for single-ended applications.
The ADMV7320 comes in a fully integrated, surface-mount,
50-terminal, 16.00 mm × 14.00 mm, chip array small outline no
lead cavity (LGA_CAV) package. The ADMV7320 operates
over the −40°C to +85°C temperature range.
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
5
6
7
9
10
11
12
PORT 1
RFOUT
ADMV7320
GND
IF_IP
IF_IN
GND
IF_QN
IF_QP
VGA_VG12
GND
VGA_VD12
ENV_DET
GND
VGA_CTL12
×6
VGA
PA
8
Figure 1.


Similar Part No. - ADMV7320

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
More results

Similar Description - ADMV7320

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
E-Band Upconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7410 AD-ADMV7410 Datasheet
849Kb / 25P
E-Band Low Noise Downconverter SiP, 71 GHz to 76 GHz
Oct-2019
ADMV7420 AD-ADMV7420 Datasheet
800Kb / 25P
E-Band Low Noise Downconverter SiP, 81 GHz to 86 GHz
Oct-2019
HMC8118 AD-HMC8118 Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8119 AD-HMC8119 Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8327LG AD-HMC8327LG Datasheet
174Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 81 - 86 GHz
HMC7585LG AD-HMC7585LG Datasheet
182Kb / 2P
E-BAND UPCONVERTER SIP 81 - 86 GHz
HMC7587 AD-HMC7587 Datasheet
951Kb / 55P
81 GHz to 86 GHz E-Band I/Q Downconverter
Mar-2016
HMC7584LG AD-HMC7584LG Datasheet
185Kb / 2P
E-BAND UPCONVERTER SIP 71 - 76 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com