Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics L9963E Datasheet HTML 47Page - STMicroelectronics L9963E Datasheet HTML 48Page - STMicroelectronics L9963E Datasheet HTML 49Page - STMicroelectronics L9963E Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCUR_SENSE
Input voltage for ADC
conversion
Application info. Absolute voltage on
ISENSEP/M pins. Same as operating
range
-300
+300
mV
VDIFF_CUR_SENSE
Differential input voltage.
ISENSEP- ISENSEM
range
Design info
-150
+150
mV
ICELLRES
Current Measurement
Resolution
±1750 A full scale input assuming 18-
bit signed data output and an Rshunt =
0.1 mΩ
Not tested, application info
13.33
mA
VISENSE_RES
Voltage Measurement
Resolution
±175 mV full scale input assuming 18-
bit signed data output
Design info
1.33
μV
ICELLERR
Current Measurement
Error VDIFF_SENSE
= V(ISENSE+) -
V(ISENSE-)
-150 mV ≤ VDIFF_CUR_SENSE < -60
mV,
-40 °C < TJ < 125 °C
-0.5
0.5
%
ICELLERR2
-60 mV ≤ VDIFF_CUR_SENSE ≤ 60 mV
-40 °C < TJ < 125 °C
-0.3
0.3
mV
ICELLERR3
60 mV < VDIFF_CUR_SENSE ≤ 15 0 mV,
-40 °C < TJ < 125 °C
-0.5
0.5
%
ICURR_SENSE_OC_SLEEP
ISENSE Over-current
Fault Threshold in Cyclic
Wakeup
Tested in SCAN (76.8A with Rshunt =
0.1 mΩ)
0
10.55488 mV
ICURR_SENSE_OC_NORM
ISENSE Over-current
Fault Threshold in Normal
0
175
mV
ICELL_OC_SLP_RES
ISENSE Over-current
Fault Threshold
Resolution in Cyclic
Wakeup
Application info (+/-3.4048A with
Rshunt = 0.1 mΩ)
340.48
μV
ICELL_OC_NORM_RES
ISENSE Over-current
Fault Threshold
Resolution in Normal
Application info (+/-13.3 mA with
Rshunt = 0.1 mΩ)
1.33
μV
VISENSE_OPEN_thr
ISENSE pins open
threshold voltage
1.5
1.7
1.9
V
TCURR_SENSE_OPEN_filter Open digital filter time
Tested in SCAN
60
μs
4.7
Cell balancing
The Sx and Bx_x-1 pins are used to balance the charge of the cells by discharging the ones with a higher SOC
(State Of Charge). Balancing can be performed either with external or internal MOSFETs.
[DOS_UR8I_45010]Cell balance drivers are powered by VBAT stack voltage. Hence, balancing is theoretically
possible even at low cell voltages, with an exception for cell 14. In case VCELL14 < VCELL14_BAL_MIN, the
correspondent balancing circuitry will not operate properly and false overcurrent detection may occur.
4.7.1
Passive cell balancing with internal MOSFETs
The internal balancing requires only on-board resistors, and the MOSFETs which are embedded in the chip.
L9963E
Cell balancing
DS13636 - Rev 4
page 46/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com