Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 184 page
background image
Each writing operation increments the NVM_CNTR counter by ‘1’. In case NVM_CNTR saturates to
NNVM_MAX_WRITE, writing operations are inhibited. User software shall inhibit any further Erase action in order
to avoid counter reset. Only reading operations are possible.
4.10.4
Electrical parameters
Table 52. NVM electrical parameters
Symbol
Parameter
Test conditions Min. Typ. Max.
Unit
NNVM_SIZE
NVM size allocated for external use
Design info
112
bit
TNVM_OP
Time interval required to perform each NVM operation. Tested by SCAN
10
ms
NNVM_MAX_WRITE Maximum number of NVM writing operations allowed.
Design info
32
Write cycles
4.11
Safety and diagnostic features
L9963E provides an extended set of safety mechanisms to reach the required ASIL (Automotive Safety Integrity
Level) standard. Several diagnostics and integrity checks have been implemented. Faults can be notified
in a redundant way to the MCU: Global Status Word (GSW) allows failure notification over daisy chain
communication lines, while FAULT Line exploits a second independent pair. Every detected failure is available in
SPI registers.
4.11.1
Cell UV/OV diagnostic
It is possible to select the value for the Overvoltage threshold (VCELL_OV) as well as for the Undervoltage
threshold (VCELL_UV) of the cells.
It is also possible to specify an increment (VCELL_BAL_UV_ Δ) in respect to the undervoltage threshold VCELL_UV.
Such an increment will determine the position of the balance Undervoltage threshold (VBAL_UV_TH). Such a failure
can be masked through dedicated SPI bit. The actual balance undervoltage threshold will be placed according to
the following formula:
VBAL_UV_TH=VCELL_UV+ VCELL_BAL_UV
(7)
This diagnostic feature is completed by analyzing, inside the logic block, the digital information provided by the
Voltage measurement ADCs. Measurements will be performed just on enabled cells.
In case of cell UV/OV (VCELL_OV/UV):
•
Corresponding fault flag is set and latched into VCELL_OV / VCELL_UV register
•
Fault is propagated through the FAULT Line
•
Balance is stopped in case of UV event
–
A cell UV causes the balance activity to be stopped on the whole cell stack
–
A cell balance UV causes the balance activity to be stopped only on the affected cell
•
Conversion routine goes into Configuration Override
Balance UV (VBAL_UV_TH) fault can be masked via VCELLx_BAL_UV_MSK bit. When masking is activated:
•
Fault is not propagated through the FAULT Line
•
Conversion routine doesn’t go into Configuration Override
•
VCELLx_BAL_UV SPI flag is not set
4.11.2
Total battery VBAT diagnostic
The total stack voltage diagnostic is implemented through three different safety mechanisms:
•
Arithmetic sum of the digital information of cell ADC (within the Cell Conversion step of the Voltage
Conversion Routine): VBATT_SUM, stored in Vsum_batt(19:0). Such a value is then compared to the
digital thresholds VBAT_OV (SUM) or VBAT_UV (SUM) (programmable via the VBATT_SUM_OV_TH and
VBATT_SUM_UV_TH registers). This diagnostic is intended to catch stack undervoltage and overvoltage
events with a high precision.
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 65/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com