Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 184 page
background image
Figure 5. Sketch of a 2s2p PCB with thermal vias
3.4
Power management
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 6. Power Management
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
IBAT_NORM, Total Supply Current
in Normal Mode from VBAT pin
-
Normal state (refer to Section 4.1 Device
functional state); no load on VTREF; the chip
performs continuously data transmission via isolated
communication interfaces to higher and lower sides
in a stack daisy chain.
Application info: IBAT is not affected by
communication. Current needed for COM interfaces
is drawn out of VREG regulator.
1
2.5
mA
IBAT_NORM_ADC, Total Supply
Current in Normal Mode from
VBAT pin
-
Normal state; No load on VTREF; no
communication; The chip performs continuously
sampling and converting.
5.5
9
mA
IREG_NORM_CSEN1, Total Supply
Current in Normal Mode from
VREG MOS
-
Normal state; No load on VTREF; no
communication; no ADC conversion; Curr sense.
Enabled by coulombcounter_en = 1
21
mA
IREG_NORM_CSEN0, Total Supply
Current in Normal Mode from
VREG MOS
-
Normal state; No load on VTREF; no
communication; no ADC conversion; Curr sense
Disabled by coulombcounter_en = 0
20
mA
IREG_NORM_ADC_CSEN1, Total
Supply Current in Normal Mode
from VREG MOS
-
Normal state; No load on VTREF; no
communication; The chip performs continuously
sampling and converting. Curr sense Enabled by
coulombcounter_en = 1
38
mA
IREG_NORM_ADC_CSEN0, Total
Supply Current in Normal Mode
from VREG MOS
-
Normal state; No load on VTREF; no
communication; The chip performs continuously
sampling and converting. Curr sense Disabled by
coulombcounter_en = 0
37
mA
IREG_NORM_COMM, Additional
supply current drawn from VREG
for communication
-
Normal state; No load on VTREF; The chip
performs continuously data transmission via
isolated communication interfaces to higher and
lower sides in a stack daisy chain. (measured
with out_res_tx_isoh/l = 11, highest differential
amplitude, highest consumption).
8
10.8
13
mA
IBAT_SLP, Supply Current in Sleep
Mode
-
Lowest power state; Both internal oscillator and
external wakeup detection on.
10
50
µA
IBAT_SLP_BAL_CONF
-
Supply Current in Silent Balance Mode (enabled
only regulators necessary to bias balance
preregulators, refer to Section 4.1 Device
functional state).
1.2
2
2.8
mA
IBAT_BALANCE
-
Delta current when the balancing of all 14 cells are
act ivated.
0.4 0.55
0.7
mA
L9963E
Power management
DS13636 - Rev 4
page 12/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com