Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics L9963E Datasheet HTML 24Page - STMicroelectronics L9963E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
Table 12. Port L configuration determination
Electrical condition
Latched when
Configuration
Wake up source
SPIEN = 1
Upon VCOM_UV
release
Port L configured as SPI. Master Unit. SPIEN
must be connected to VCOM
SPI wake up logic
SPIEN = 0 (default
condition if pin is left
floating)
Upon VCOM_UV
release
Port L configured as isolated SPI. Slave Unit.
SPIEN must be connected to AGND
ISOL wake up
comparator
In case the first power up fails and L9963E comes back to Sleep state without having latched the PORT L
operating mode, both wake up sources will be kept active in order to allow subsequent power up trigger in both
operating configurations.
When first power up completes successfully, only the wake up source related to the units with SPIEN = 1 are
Master units of the daisy chain. A Master Unit differs from the Slave ones (SPIEN = 0) because:
•
It manages the asynchronicity between SPI CLK and the programmable bit-rate on the isolated line;
•
It exploits an internal buffer to store answers received from the slaves on ISOH port;
•
It implements timeout mechanisms and frame error checks described in Section 4.2.4.4 Special frames;
•
It forwards commands only if they are addressing Slave units. Any command addressed to the Master unit is
not propagated on the ISOH port;
•
In case Master Unit has port H disabled (isotx_en_h = 0), trying to communicate with a Slave unit will return
the corresponding Master’s register content;
Interaction between Port H and Port L is managed by L9963E. The IC is capable of converting analog signals
incoming on the isolated twisted pair to digital signals suitable for SPI, and viceversa. Passing a signal through
a single unit takes a single pulse period (2*TBIT_HIGH_LOW_FAST or 2*TBIT_HIGH_LOW_SLOW, depending on the
programmed operating frequency), which can be used to account for the insertion delay of an L9963E in the daisy
chain.
4.2.1.1
Wake up via communications interface
To wake up the device from low power modes, any communication frame in low frequency (FISO_SLOW) can be
sent:
•
If port L is configured in SPI mode, a sequence of at least 37 clock pulses on SCK line with active low chip
select NCS will wake up the device. Pulses must be received within TWAKEUP_TIMEOUT_SPI timeout starting
from the NCS assertion. Before sending the wake up frame, NCS must have been set high for at least
TWAKEUP_NCS_HIGH.
•
If port L is configured in isolated SPI mode, a sequence of at least 37 differential pulses on ISOLP/ISOLM
pins, whose minimum duration is TDET_MIN_WU and whose amplitude is greater than Wakeup_thr will wake
up the device. Pulses must be received within TWAKEUP_TIMEOUT_ISO timeout starting from the first valid
pulse.
•
If port H is enabled, a sequence of at least 37 differential pulses, whose minimum duration is TDET_MIN_WU
and whose amplitude is greater than Wakeup_thr will wake up the device. Pulses must be received within
TWAKEUP_TIMEOUT_ISO timeout starting from the first valid pulse.
Note:
Depending on pulses re-synchronization uncertainty with the internal standby oscillator, the wake up event may
occur even if COM pulses are less than 37 (min. number of pulses in the best case is 8). However, 37 pulses will
always guarantee a correct wake up.
In case first power up fails and SPIEN value is not correctly latched, port L will listen to both wake up sources,
until a correct power up sequence is achieved and port L configuration is determined.
4.2.2
Serial Peripheral Interface (SPI)
The SPI pinout is listed in the following table:
Table 13. L9963E pin used as SPI
L9963E pin
SPI function
Configuration
ISOLp_SDI
Serial Data Input (SDI)
Digital input
L9963E
Serial communication interface
DS13636 - Rev 4
page 21/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com