Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 51Page - STMicroelectronics L9963E Datasheet HTML 52Page - STMicroelectronics L9963E Datasheet HTML 53Page - STMicroelectronics L9963E Datasheet HTML 54Page - STMicroelectronics L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 184 page
background image
For all regulators the slew rate at the power up can be evaluated considering corresponding current limitation
applied on capacitance connected to related pin. The equation below estimates the startup time considering a
20% tolerance on the external stabilization capacitance (refer to Table 73). The VREG regulator implements a soft
start strategy and its startup time is TVREG_SOFT_START.
TVCOMstart=VVCOM×CVCOM
IVCOM_curr_lim= 85−275 μs
TVTREFstart=VVTREF×CVTREF
IVTREF_curr_lim = 85−270 μs
TVANAstart=VVANA×CVANA
IVANA_curr_lim= 65−260 μs
(5)
Figure 18. Regular scheme
4.8.2
Bootstrap
In order to provide a supply higher than VBAT to the level shifters of the ADC, a Bootstrap solution has been
implemented. The Bootstrap is automatically enabled in NORMAL mode. The bootstrap works with an external
capacitance CCB.
Bootstrap works in 2 phases:
•
during phase 1 capacitance CCB is charged between 0 V and VREG for a time long TRELOAD_PHASE.
•
during phase 2 same capacitance is bootstrapped, connecting its negative terminal to VBAT. This phase
longs TBOOT_PHASE.
A VREG OV condition turns off bootstrap circuit.
L9963E
Device regulators
DS13636 - Rev 4
page 55/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com