Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 184 page
background image
4.11.6
Voltage ADC BIST
Besides Cell open with ADC_CROSS_CHECK = 1, the HardWare Self-Check (HWSC) step of the Voltage
Conversion Routine covers all the additional conversion paths, such as VTREF, GPIOs configured as analog
input and VBAT resistive divider. As a redundant mechanism, it also covers conversion paths involving Cx pins.
If BIST result is not aligned to expectations:
•
Corresponding fault flag is set and latched into register MUX_BIST_FAIL or OPEN_BIST_FAIL or
GPIO_BIST_FAIL
•
Fault is propagated through the FAULT Line
•
Balance is stopped
•
Voltage conversion routine goes into Configuration Override
For further details see Section 4.12 Voltage conversion routine.
4.11.7
Die temperature diagnostic and over temperature
An internal temperature sensor continuously monitors the temperature of the chip: measurement result is
available in the TempChip register and can be evaluated according to the following formula:
Temperature Measurement Formula
Tj=1.3828×BINARYCODE+99.733
(10)
TJ is in °C and the binary code is in 2’s complement format.
The chip prevents over-heating through an over temperature threshold TSD (which includes a hysteresis
TSD_HY). Once the die temperature reaches TSD, a thermal shutdown circuit will force the chip to reduce the
consumption by stopping balancing. A fault is reported to the μC with a dedicated bit OTchip and propagated
through the FAULT Line. When the temperature of the die returns to a normal level, L9963E can resume the
normal operation. Balancing is released after the uC reads OTchip latch.
4.11.8
Balancing open load diagnostic
During Balancing open load diagnostic a pulldown current IPD_CB is applied through the balancing path, including
the discharge resistor. A voltage comparator is able to detect whether the voltage |Sn-Bn,n-1|, in Power balance
OFF condition, falls below the open load threshold VBAL_OPEN. If TOPEN – TNOT_OPEN > TBAL_OL/2 , the open load
fault (BALx_OPEN) is latched.
Note:
TOPEN is the time interval where the comparator output is high (open fault present), while TNOT_OPEN is the time
interval where the comparator output is low (open fault not present).
Balance comparator has a self test mechanism used to check internal integrity. In case BIST fails
(BIST_BAL_COMP_HS_FAIL or BIST_BAL_COMP_LS_FAIL), balancing is stopped.
The equivalent open load resistance in series to the balancing path can be evaluated according to the following
equation:
Equivalent balance open resistance estimation
RBALOPEN=VCELL−VBAL_OPEN
IPD_CB
(11)
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 69/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com