Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 184 page
background image
4.11.4
ADC swap
Failures on the ADCs can be detected by the HardWare Self-Check (HWSC) step of the Voltage Conversion
Routine.
L9963E provides means to operate a limp home functionality. For each pair of cells, in case one of the two
independent ADC fails, it is still possible to perform a swap of the input MUX, in order to allow the remaining ADC
measuring both cells.
User FW may activate, by means of CROSS_ODD_EVEN_CELL, a swap between the two ADCs of a cell pair,
in order to measure even cells through ADCs dedicated to the odd cells, and vice versa. For instance, if the ADC
assigned to cell Cx (even) fails, the adjacent one assigned to cell Cx-1 (odd) can be exploited to implement the
limp home functionality.
Since one ADC has failed, it is not possible to perform a complete scan of the cells in a single measurement
cycle. User SW must switch to the limp home routine where each scan requires two On-Demand Conversions:
•
The first iteration will be executed having set CROSS_ODD_EVEN_CELL = 0 (default)
–
ADCx measures cell Cx → MCU must discard the result, since ADCx is broken
–
ADCx-1 measures cell Cx-1 → Result is good
•
The second iteration will be executed having set CROSS_ODD_EVEN_CELL = 1 (swap mode)
–
ADCx measures cell Cx-1 → MCU must discard the result, since ADCx is broken
–
ADCx-1 measures cell Cx → Result is good
MCU then merges the results of first and second iteration to obtain a set of 14 reliable values, that can be used to:
•
Detect an UV/OV on cells (comparison with threshold must be made by user FW)
•
Get an accurate conversion of cells even if in case of fault on a ADC. This makes State Of Charge
estimation still possible
•
Perform total stack voltage measurement as the sum of cells
When in limp home mode, all the ADC based diagnostics are not guaranteed. Fault tolerant time requirements
can still be met by doubling the sample rate (e.g. switching from 100 ms to 50 ms sample time).
4.11.5
PCB open diagnostic
To detect loss of cell wire at PCB connector, the following procedure must be executed:
1.
Convert even cells with an on-demand conversion.
2.
Enable the diagnostic current (IPD_CB) on even cells by programming PCB_open_en_even_curr = 1.
3.
Wait for a proper settling time TPCB_SET, whose minimum value and the minimum settling time can be
estimated according to the following equation:
TPCB_SET=∆VPCBmax
IPD_CBmin×2CLPF= e.g. 1V100μA×2
×10nF=200μs
(8)
Choosing TPCB_SET = TCxOPEN_SET is enough if using TCYCLEADC_000 filter option to convert cells at step 1.
In general, the settling time TPCB_SET should be longer than TSAMPLE_MIN in Table 38.
4.
Convert even cells with an on-demand conversion.
5.
Disable the diagnostic current (IPD_CB) on even cells by programming PCB_open_en_even_curr = 0.
6.
For each cell, evaluate the difference between conversion at step 1 and step 4. If lower than a defined
threshold VPCB_DIFF, the PCB connection to the cell is degraded. The open resistance depends on
VPCB_DIFF according to the following equation:
PCB open resistance evaluation
RPCB_OPEN=VPCB_DIFF
IPD_CB
(9)
For instance, setting VPCB_DIFF = 40 mV allows detecting RPCB_OPEN in the [133-400] Ω range.
7.
Repeat all the previous steps for odd cells, using PCB_open_en_odd_curr to manage the diagnostic
current.
Note:
When performing PCB open diagnostic, other diagnostics such as Cell UV/OV diagnostic and Balancing open
load diagnostic might also be triggered. They must be then discarded by user SW.
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 68/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com