Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 81Page - STMicroelectronics L9963E Datasheet HTML 82Page - STMicroelectronics L9963E Datasheet HTML 83Page - STMicroelectronics L9963E Datasheet HTML 84Page - STMicroelectronics L9963E Datasheet HTML 85Page - STMicroelectronics L9963E Datasheet HTML 86Page - STMicroelectronics L9963E Datasheet HTML 87Page - STMicroelectronics L9963E Datasheet HTML 88Page - STMicroelectronics L9963E Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 184 page
background image
Depending on the wire length of the cell wires connected to the PCB, some inductive spikes might be seen
when interrupting the balancing, prior to “Cells” step of the Voltage Conversion Routine. These spikes can be a
source of inaccuracy, especially if Cx pins are filtered using high values for RLPF (e.g. 3 kΩ), requiring a relatively
high settling time. It is possible to specify a settling time TCELL_SET by programming the T_CELL_SET SPI
field. Upon Start Of Conversion (SOC) event, L9963E will wait for T_CELL_SET before starting the Voltage
Conversion Routine. Such a settling time is only enabled if BAL_AUTO_PAUSE = 1. In order to keep
synchronization with the Coulomb Counting Routine, the Cells step might be additionally delayed in order
to align with the first useful current sample. In the worst case, the total delay is T_CELL_SET + TCYCLEADC_CUR.
The VTREF regulator is normally used for temperature sensing applications, involving the GPIO steps of the
routine. To save current, it can be dynamically enabled only when needed, according to the following table:
Table 55. VTREF opeating modes
VTREF_EN VTREF_DYN_EN
VTREF Regulator behavior
0
0
(Default). VTREF regulator disabled
0
1
VTREF regulator disabled
1
0
VTREF regulator permanently enabled
1
1
VTREF regulator dynamically enabled. The regulator is normally OFF. It is enabled at each
Start Of Conversion (SOC) event (either on-demand or cyclic), with a settling time TCELL_SET
in respect to the Cells step of the Voltage Conversion Routine. The regulator is kept
enabled until the last step of the routine (HWSC) has been performed.
Due to flexibility, routine execution time TROUTINE is not fixed. It depends on the programmed voltage
acquisition window (either ADC_FILTER_SOC or ADC_FILTER_CYCLE depending on the conversion type) and
the number of steps scheduled for execution (see Section 4.12.4 Operations periodicity).
Voltage conversion routine duration
TROUTINEMIN=2TCYCLEADC , wℎen only mandatory cℎecks are executed
TROUTINEMAX=4TCYCLEADC+ 5TCYCLEADC_000+2TBAL_OL+2TCxOPEN_SET+TGPIO_OPEN_SET, wℎen all cℎecks are executed(14)
4.12.2
Routine execution modes
The voltage conversion routine can be executed in three different ways according to microcontroller commands.
The different modes are mutually exclusive: only one routine execution at a time is allowed and multiple threads
are not supported.
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 85/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com