Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics L9963E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tCYCLIC_SLEEP_011
Tested by SCAN
800
ms
tCYCLIC_SLEEP_100
Tested by SCAN
1600
ms
tCYCLIC_SLEEP_101
Tested by SCAN
3200
ms
tCYCLIC_SLEEP_110
Tested by SCAN
6400
Ms
tCYCLIC_SLEEP_111
Tested by SCAN
1280
0
Ms
TVREG_OFF
Tested by SCAN
500
μs
FMAIN_OSC_stby
Internal standby Oscillator frequency
20
32
45
KHz
FAUX_OSC_stby
Internal standby redundant Oscillator frequency
20
32
45
KHz
timeout_VCOM_UP_first
Timeout at first power up. From wakeup event
to VCOM_UV release
Tested by SCAN
8
ms
timeout_VCOM_UP
Default power up timeout. From wakeup event
to VCOM_UV release
Tested by SCAN
4
ms
timeout_OSCI_MAIN
From wakeup event to main oscillator stable
Tested by SCAN
10
ms
timeout_POR_MAIN
VANA settling time timeout
Tested by SCAN
1.5
ms
TBOOT_DELAY
Delay between VTREF enable and Bootstrap
enable
Tested by SCAN
200
μs
TVTREF_DELAY
Delay between VANA_UV release (POR_STBY
asserted after TPOR_FILT) and VTREF enable
Tested by SCAN
630
μs
TVCOM_DELAY
Delay between VTREF enable and VCOM
enable
Tested by SCAN
400
μs
TWAKEUP_TIMEOUT_ISO
Timeout of the pulse counter for wakeup
detection (isolated SPI)
Tested by SCAN
282
μs
TWAKEUP_TIMEOUT_SPI
Timeout of the pulse counter for wakeup
detection (SPI)
Tested by SCAN
84
138
μs
TWAKEUP_NCS_HIGH
Minimum NCS high time before sending SPI
wake up frame
Tested by SCAN
400
μs
4.2
Serial communication interface
Two types of serial communication ports are included in L9963E: SPI and isolated interface:
•
SPI can be used for the local communication between MCU and the closest L9963E
•
Isolated SPI can be used for the global communication between several L9963E stacked in a daisy chain
Refer to Section 6.11 Communication architectures for all the different application scenarios.
The frequencies on the 2 communication interfaces are different and not related.
From micro-controller point of view a daisy chain of many L9963E devices is controlled as a single device
addressable by using both the device ID and the device’s internal register addresses.
4.2.1
Communication interface selection
Two communication ports are available:
•
Port H: implemented via the ISOHp and ISOHm pins. It always works as Isolated SPI interface. It can be
enabled by setting isotx_en_h = 1
•
Port L: implemented via the ISOLp_SDI, ISOLm_NCS, GPIO8_SCK, GPIO9_SDO pins. It is always enabled
and its configuration is latched upon first powe up and depends on the SPIEN pin
L9963E
Serial communication interface
DS13636 - Rev 4
page 20/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com