Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 184 page
background image
4
Functional description
In the following paragraphs, the functionalities of the device are listed and described in detail.
4.1
Device functional state
Figure 6. Device functional states
4.1.1
Reset and Sleep states
Reset state: when stand-by logic is reset, all registers on device are reset.The battery voltage is still under
threshold.
From here, as soon as the PORN_STBY goes high the Stby Logic gets its supply power and the Sleep state is
reached.
4.1.1.1
Operations in Reset state
No operation is possible in Reset state
Sleep state:
This state is reached:
•
coming from Reset state on PORN_STBY rising
•
from other states in case a Go2SLP cmd is sent by uP or no communication is received for t > t_SLEEP
•
from Init State in case the device address is still 0b0000 after t > t_SHUT
•
from Cyclic_Wup state once the Cyclic Wup job is done and a silent balancing is not to be resumed.
In this state the device is sensitive to External Sources in order to wake up the Main Logic. External sources are:
ISO lines, Fault line, SPI_CS (SPI_CLK) pins, also a GPIO pin for “Master” units.
In this state a slow oscillator is working allowing the device to wake itself up every t = tCYCLIC_SLEEP +
tCYCLIC_WUP and move to Cyclic Wup state.
L9963E
Functional description
DS13636 - Rev 4
page 14/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com