Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 54Page - STMicroelectronics L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
GND_LOSS_THR
GND loss analog threshold
100
300
450
mV
4.9
General purpose I/O: GPIOs
L9963E provides 9 GPIOs which can be individually configured as digital I/Os or analog I/Os according to the
following configuration:
Table 46. GPIO port configuration
GPIO port
Digital
Analog
Std. GPIO
SPI
Wake up
FAULT
Absolute input
1
X
X
2
X
X
3
X
X
4
X
X
5
X
X
6
X
X
7
X
X
X
8
X
X
X
9
X
X
X
Note:
'X' means the option is available.
GPIO default configuration depends on device operating mode:
Table 47. GPIO default configuration
GPIO
Type
SPIEN = 1
SPIEN = 0
GPIO1_FAULTH
Read Only
Digital Input(1)
GPIO2_FAULTL
Read Only
Digital Output(1)
GPIO3
Read/Write
Analog Input
GPIO4
Read/Write
Analog Input
GPIO5
Read/Write
Analog Input
GPIO6
Read/Write
Analog Input
GPIO7_WAKEUP
Read/Write
Digital Input
GPIO8_SCK
Read/Write conditioned
Digital Input(1)
Analog Input
GPIO9_SDO
Read/Write conditioned
Digital Output(1)
Analog Input
1. Configuration is locked and cannot be changed by MCU.
4.9.1
GPIO3-9: absolute analog inputs
Seven GPIOs (from GPIO3 to GPIO9) can be used as analog inputs. They can be converted during the Voltage
conversion routine.
This configuration is usually implemented in order to monitor external Negative Temperature Coefficient (NTCs).
Refer to Section 6.9 NTC analog front end for the application circuit.
The buffered regulator output VTREF is used to bias up to 7 NTC probes.
Depending on the measurement strategy selected via ratio_abs_x_sel bit, two decoding formulas apply:
L9963E
General purpose I/O: GPIOs
DS13636 - Rev 4
page 58/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com