Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics L9963E Datasheet HTML 74Page - STMicroelectronics L9963E Datasheet HTML 75Page - STMicroelectronics L9963E Datasheet HTML 76Page - STMicroelectronics L9963E Datasheet HTML 77Page - STMicroelectronics L9963E Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 184 page
background image
•
Fault is not propagated through the FAULT Line;
•
Conversion routine doesn’t go into Configuration Override;
•
GPIOx_UT and GPIOx_OT SPI flags are not set.
Masking OT/UT failures is useful when using analog inputs to measure sensors different than cell NTCs.
If voltage (measured using TCYCLEADC_000) is lower than VFASTCHG_OT_TH threshold:
•
Corresponding Fast charge OT fault flag is set and latched into GPIO_fastchg_OT register;
•
Fault is propagated through the FAULT Line;
•
Conversion routine goes into Configuration Override.
VGPIO_FASTCH_OT_DELTA has to be intended as a delta increase to be added to VGPIOAN_OT threshold, as total
Fast charge threshold must be always higher than VGPIO_UV.
Fast charge stop fault can be masked via Gpiox_fastchg_OT_MSK bit. When masking is activated:
•
Fault is not propagated through the FAULT Line;
•
Conversion routine doesn’t go into Configuration Override;
•
GPIOx_fastchg_OT SPI flag is not set.
For further details refer to Section 4.12 Voltage conversion routine.
4.11.19
Current sense overcurrent
Current sense circuitry includes an overcurrent diagnostic active while the Coulomb Counter is enabled and
the device is in Cyclic Wakeup. The diagnostic compares each sample of the current sense conversion with a
digital threshold (ICURR_SENSE_OC_SLEEP). If converted value is higher than ICURR_SENSE_OC_SLEEP, overcurrent
detection occurs.
In case of curr sense OVC detection:
•
Corresponding fault flag is set and latched into curr_sense_ovc_sleep register
•
Fault is propagated through the FAULT Line
•
Normal mode is entered
Failure can be masked by setting ovc_sleep_msk = 1.
Current sense circuitry includes also an overcurrent diagnostic active while the Coulomb Counter is enabled
and the device is in Normal. The diagnostic compares each sample of the current sense conversion with a
digital threshold (ICURR_SENSE_OC_NORM). If converted value is higher than ICURR_SENSE_OC_NORM, overcurrent
detection occurs.
In case of curr sense OVC detection:
•
Corresponding fault flag is set and latched into curr_sense_ovc_norm register
•
Fault is propagated through the FAULT Line
Failure can be masked by setting ovc_norm_msk = 1.
4.11.20
Current sense open diagnostic
Curr sense performs open diagnostic using internal IISENSEP and IISENSEM currents. If ISENSEP or ISENSEM pin
voltages are higher than VISENSEP_OPEN_th or VISENSEM_OPEN_th threshold for a time longer than digital filter
TCURR_SENSE_OPEN_filter, current sense open detection occurs.
In case of curr sense open detection, which occurs only if coulomb counter is enabled (CoulombCounter_en =
1):
•
Corresponding fault flag is set and latched into sense_plus_open or sense_minus_open register. Because
the CSA is choppering the inputs, both latches could be alternatively set
•
Fault is propagated through the FAULT Line
4.11.21
Reference voltage monitor
Two BG references are used in order to guarantee independency between monitor functions. For each pair of
cells, the two corresponding ADCs are referenced to different bandgaps. This guarantees results independency
when performing Cell open with ADC_CROSS_CHECK = 1 diagnostic.
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 74/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com