Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
TGPIO_OPEN_SET
Open load diagnostics settling time
Tested in SCAN
0.7
ms
1. The measurement range and accuracy are the same of these for cell voltage.The GPIO readout is done in a time frame
non-overlapping with the readout of Cell voltage.
2. When the GPIO ports are used for temperature measurement, the OV/UV detection can be used for OT/UT (under voltage
→ over-temperature, over voltage → under-temperature).
4.9.6.2
Digital input
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 49. Electrical parameters for GPIOs as digital inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN_L
Low input level
Slow rising ramp on GPIO
0
1.4
V
VIN_H
High input level
Slow falling ramp on GPIO
1.3
VCOM
V
VIN_HYS
Input hysteresis
Calculation VIN_H-VIN_L
0.15
0.4
V
4.9.6.3
Digital output
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 50. GPIO digital output electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOUT_L
GPIO1..9 Low output level
IGPIO = 2 mA
0
0.4
V
VOUT_H
GPIO1..9 High output level
IGPIO = -2 mA
VCOM-0.4
VCOM
V
TOUT_trans9
GPIO9 Rise and Fall time
Cload=120pF 20-80% on rising edge of
VGPIO 80-20% on falling edge of VGPIO
5
35
ns
TOUT_trans
GPIO1..8 Rise and Fall time
Cload = 120 pF 20-80% on rising edge of
VGPIO 80-20% on falling edge of VGPIO
5
400
ns
TFILT_GPIO_ECHO
GPIO1..9 short fault digital
filter time
Tested in SCAN
2
μs
4.9.6.4
SPI specification
L9963E implements an SPI slave with the following timing requirements:
L9963E
General purpose I/O: GPIOs
DS13636 - Rev 4
page 62/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com