Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISENSEP/M
-
-0.3
-
4.5
V
VCOM
-
-0.3
-
6
V
VANA
-
-0.3
-
4.5
V
VREG
-
-0.3
-
12
V
NPNDRV
-
-0.3
-
12
V
CAP1
-
-0.3
-
VBAT + 0.3V
V
CAP2
-
VREG – 0.3V
-
VBAT + 7V
V
DGND, CGND
-
-0.3
-
+ 0.3
V
GNDREF shorted to AGND
-
-
Table 4. ESD protection
Item
Parameter
Test conditions
Min.
Typ.
Max.
Unit
All pins Except Isolated
Communication Terminals and
Global pins(1)
-
HBM(2)
-2
-
2
kV
Isolated Communication
Terminals(1)(2) and Global pins
versus all GND+EP connected
-4
-
4
kV
All pins except Corner Pins
-
CDM(3)
-500
-
500
V
Corner Pins
-750
-
750
V
All pins
-
Latch up(4)
-100
-
100
mA
1. Tested per AEC-Q100-002.
2. Isolated Communication Terminals: ISOHP, ISOHM, ISOLP_SDI, ISOLM_NCS.
3. Tested per AEC-Q100-011.
4. Tested per AEC-Q100-004, Class-2, Level-A.
Pins are all GND connected together.
3.3
Temperature ranges and thermal data
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Test conditions
Min
Max
Unit
Tamb
Operating and testing temperature (ECU environment)
-
-40
105
°C
TJ
Junction temperature for all parameters
-
-40
125
°C
Tstg
Storage temperature
-
-65
150
°C
Tot
Thermal shut-down temperature (junction)
-
175
200
°C
Tot
Temperature ADC accuracy
-
-10
+10
°C
O Thys
Thermal shut-down temperature hysteresis
-
5
15
°C
RThj-amb
Thermal resistance junction-to-ambient(1)
-
22
°C/W
1. In “2s2p”, the “s” suffix stands for “Signal” and the number before indicates how many PCB layers are dedicated to signal
wires. The “p” suffix stands for “Power” and the number before indicates how many PCB layers are dedicated to power
planes.
L9963E
Temperature ranges and thermal data
DS13636 - Rev 4
page 11/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com