Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 99 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics L9963E Datasheet HTML 102Page - STMicroelectronics L9963E Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 184 page
background image
4.12.4
Operations periodicity
While in cyclic execution (CONF_CYCLIC_EN = 1), each step periodicity can be programmed by acting on
TCYCLE and NCYCLE_X fields:
In case of Cyclic Wake up, the wake up timer is set by TCYCLE_SLEEP instead of TCYCLE.
Table 68. TCYCLE and NCYCLE_X options
TCYCLE / TCYCLE_SLEEP
CYCLE PERIOD
NCYCLE_X
CYCLIC OCCURRENCE
000
100 ms
000
Excluded from voltage conversion routine
001
200 ms
001
Occurs every 1 cycle
010
400 ms
010
Occurs every 4 cycles
011
800 ms
011
Occurs every 16 cycles
100
1.6 s
100
Occurs every 64 cycles
101
3.2 s
101
Occurs every 128 cycles
110
6.4 s
110
Occurs every 512 cycles
111
12.8 s
111
Occurs every 1024 cycles
By combining the two fields, each step periodicity can be evaluated as follows:
Evaluation of a step periodicity
TSTEP=NCYCLEX×TCYCLE, wℎen not in continuous mode or overflow
TSTEP=NCYCLEX×TROUTINE, wℎen in continuous mode or overflow
(16)
The periodicity ranges from a minimum of 100 ms to a maximum of 3.64 hours (13107.2 s):
•
Important functional checks such as HWSC might be executed with a high frequency
•
Time consuming operations such as open load diagnostics might be performed with a low frequency
Table 69 lists all the available periodicity options, calculated according assuming L9963E is not in continuous
mode or overflow:
Table 69. Steps periodicity options
Tcycle
Ncycle
000
001
010
011
100
101
110
111
000
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
001
100 ms
200 ms
400 ms
800 ms
1.6 s
3.2 s
6.4 s
12.8 s
010
400 ms
800 ms
1.6 s
3.2 s
6.4 s
12.8 s
25.6 s
51.2 s
011
1.6 s
3.2 s
6.4 s
12.8 s
25.6 s
51.2 s
102.4 s
204.8 s
100
6.4 s
12.8 s
25.6 s
51.2 s
102.4 s
204.8 s
409.6 s
819.2 s
101
12.8 s
25.6 s
51.2 s
102.4 s
204.8 s
409.6 s
819.2 s
1638.4 s
110
51.2 s
102.4 s
204.8 s
409.6 s
819.2 s
1638.4 s
3276.8 s
6553.6 s
111
102.4 s
204.8 s
409.6 s
819.2 s
1638.4 s
3276.8 s
6553.6 s
13107.2 s
Changing NCYCLE_X for a step while cyclic activity is enabled (CONF_CYCLIC_EN = 1) will cause the new
setting to be applied at the first useful cycle (refer to Table 59).
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 99/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com