Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VGPIOANERR3
Accuracy + Drift
VBAT = C14
C0 = GND
Noise contribution is VCELL_NOISE1
0.5 V ≤ VGPIO < 3.2
V
-40 °C < TJ < 105 °C
-2.4
2.4
mV
VGPIOANERR4
3.2 V ≤ VGPIO ≤ 4.3
V
-40 °C < TJ < 105 °C
-3
3
mV
VGPIOANERR5
4.3 V ≤ VGPIO ≤ 4.7
V
-40 °C < TJ < 105 °C
-3.6
3.6
mV
VGPIOANERR5
4.7 V ≤ VGPIO ≤ 5 V
-40 °C < TJ < 105 °C
-7
7
mV
VGPIOAN_UT
GPIO Analog Input Over-voltage Fault
Threshold(2)
GPIO_UT_TH
Application info
Used for NTC UT
failure detection on
GPIO3-9
Tested by SCAN
0.1
5
V
VGPIOAN_UT_RES
GPIO Analog Voltage Input Over-
voltage Fault Threshold Resolution(2)
Valid when ratio_abs_x_sel = 0
Design info Valid for
GPIO3-9
11.392
mV
VGPIOAN_UT_RATIO_RES
GPIO Analog Voltage Input Over-
voltage Fault Threshold Resolution(2)
Valid when ratio_abs_x_sel = 1
Application info,
valid for GPIO3-9
2-9
-
VGPIOAN_OT
GPIO Analog Input Under-voltage
Fault Threshold(2)
GPIO_OT_TH
Application info
Used for NTC OT
failure detection on
GPIO3-9
Tested by SCAN
0.1
5
V
VGPIOAN_OT_RES
GPIO Analog Voltage Input Under-
voltage Fault Threshold Resolution(2)
Valid when ratio_abs_x_sel = 0
Design info Valid for
GPIO3-9
11.392
mV
VGPIOAN_OT_RATIO_RES
GPIO Analog Voltage Input Under-
voltage Fault Threshold Resolution(2)
Valid when ratio_abs_x_sel = 1
Application info,
valid for GPIO3-9
2-9
-
VGPIO_FASTCH_OT_DELTA
GPIO Analog Input Fast charge Fault
Threshold
Gpio_fastchg_OT_delta_thr
Design info, tested
by SCAN Valid for
GPIO3-9
0
5
V
VGPIO_FASTCH_OT_DELTA_RES
GPIO Analog Voltage Input
Fast Charge Under-voltage Fault
Threshold Resolution(2)
Valid when ratio_abs_x_sel = 0
Design info, tested
by SCAN Valid for
GPIO3-9
22.784
mV
VGPIO_FASTCH_OT_DELTA_RATIO_RES
GPIO Analog Voltage Input
Fast Charge Under-voltage Fault
Threshold Resolution(2)
Valid when ratio_abs_x_sel = 1
Application info,
tested by SCAN
Valid for GPIO3-9
2-8
-
VGPIO_OL
Open load voltage threshold
Covered by SCAN
Valid for GPIO3-9
200
mV
IGPIO_PD_OPEN
Open load pulldown current
10
40
μA
L9963E
General purpose I/O: GPIOs
DS13636 - Rev 4
page 61/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com