Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 48Page - STMicroelectronics L9963E Datasheet HTML 49Page - STMicroelectronics L9963E Datasheet HTML 50Page - STMicroelectronics L9963E Datasheet HTML 51Page - STMicroelectronics L9963E Datasheet HTML 52Page - STMicroelectronics L9963E Datasheet HTML 53Page - STMicroelectronics L9963E Datasheet HTML 54Page - STMicroelectronics L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 184 page
background image
TimedBalacc = 0 (coarse)
TimedBalacc = 1 (fine)
ThrTimedBalCellxx [dec]
ThrTimedBalCellxx [bin]
Threshold [hh:mm:ss]
Threshold [hh:mm:ss]
105
1101001
14:56:0
0:7:0
106
1101010
15:4:32
0:7:4
107
1101011
15:13:4
0:7:8
108
1101100
15:21:36
0:7:12
109
1101101
15:30:8
0:7:16
110
1101110
15:38:40
0:7:20
111
1101111
15:47:12
0:7:24
112
1110000
15:55:44
0:7:28
113
1110001
16:4:16
0:7:32
114
1110010
16:12:48
0:7:36
115
1110011
16:21:20
0:7:40
116
1110100
16:29:52
0:7:44
117
1110101
16:38:24
0:7:48
118
1110110
16:46:56
0:7:52
119
1110111
16:55:28
0:7:56
120
1111000
17:4:0
0:8:0
121
1111001
17:12:32
0:8:4
122
1111010
17:21:4
0:8:8
123
1111011
17:29:36
0:8:12
124
1111100
17:38:8
0:8:16
125
1111101
17:46:40
0:8:20
126
1111110
17:55:12
0:8:24
127
1111111
18:3:44
0:8:28
4.7.4
Balancing state transition
When the chip is in the NORMAL mode, the sleep conditions (communication timeout or GO2SLP command)
will demand the chip entering the SLEEP or SILENT BALANCING state depending on the slp_bal_conf. Silent
balancing is only available for Timed Balancing mode (Balmode = 10 and slp_bal_conf = 1), while Manual
Balancing mode (Balmode = 01) will be interrupted and the state transition is forced to SLEEP, regardless of
slp_bal_conf.
If the slp_bal_conf = 0, whatever kind of balancing is currently being operated, it will be stopped, and then the
chip will turn to the SLEEP mode.
4.7.5
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 44. Balancing electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VBAL_OPEN
Open load Fault Detection
Voltage Threshold
Balance Power OFF (Open Load), voltage
ramp on Power Drain
0.3 0.55 0.74
V
IPD_CB
Output OFF Open Load
Detection Pull-down Current
VDS = 5 V
100
300
µA
L9963E
Cell balancing
DS13636 - Rev 4
page 52/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com