Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 184 page
background image
GPIO measurement formula
VGPIO=BINARY_CODE*VGPIO_ABS_RES, ifratio_abs_x_sel=0
VGPIO
VTREF=BINARY_CODE*VGPIO_RATIO_RES, if ratio_abs_x_sel=1
(6)
ADCs integrity is checked by Cell open with ADC_CROSS_CHECK = 1 and Voltage ADC BIST.
To cover latent failures, MCU can check if the divider is working properly by toggling the ratio_abs_x_sel bit:
1.
MCU performs a GPIO conversion with ratio_abs_x_sel = 0 (absolute measurement)
2.
MCU manually evaluates the quantity GPIOx_MEAS / VTREF_MEAS
3.
MCU switches to ratio_abs_x_sel = 1 (ratiometric measurement)
4.
MCU reads the ratiometric quantity in the GPIOx_MEAS registers and verifies that it matches the one
evaluated at point 2.
Note:
When toggling ratio_abs_x_sel bit, OT/UT and fast charge OT thresholds are not automatically updated, since
they are supposed to be written by the MCU. Hence, unwanted failures might be flagged. For this reason, it is
recommended to perform the divider integrity check at system startup.
4.9.2
GPIO1-9: standard digital I/O
The GPIO can be used in a standard digital input (Schmitt trigger) or digital Output buffer configuration,
depending on the configuration defined by dedicated register.
4.9.3
GPIO8-9: SPI commands
When the L9963E is connected to the micro (bottom device of the chain, SPIEN pin connected to the 5 V LDO
of the microcontroller), these two of the GPIO pins are used as SPI digital pins (the other 2 pins needed for SPI
communication are ISOLP/M pins):
•
ISOLM:CS (chip select) INPUT
•
ISOLP: SDI (serial data in) INPUT
•
GPIO8: SCLK (serial clock) INPUT
•
GPIO9: SDO (serial data out) BUFFERED OUTPUT
4.9.4
GPIO7: wake up feature
To enable GPIO7 as wakeup source, it must be configured as digital input (GPIO7_CONFIG = 10) and the
GPIO7_WUP_EN bit must be set to ‘1’:
•
Driving GPIO7 high for longer than TGPIO7_WAKEUP moves L9963E from a low power state to normal
mode.
•
A high logic value on GPIO7 pin keeps the device awake, also in case a GO2SLP command is received or
communication timeout expires.
•
In order to move the device to a low power state, the GPIO7 must be driven low and either a GO2SLP
command must be issued or the communication timeout has to expire.
4.9.5
GPIO1-2: FAULT feature
The fault information is transmitted in the chain by optocouplers connected to GPIO pins. The L9963E senses the
FAULT signal incoming from an upper device on GPIO1_FAULTH pin: external components must guarantee that
the voltage on the FAULTH pin lays inside operating range. The L9963E transmits the fault signal to the bottom
of the chain through GPIO2_FAULTL pin that drives the optocoupler. External components must limit the current
coming out from GPIO2 pin when a logic ‘1’ is passed. [end]
The FAULTL pin of the device at the bottom of the stakc can be directly connected to the MCU digital input to
connect a fault interrupt.
For further information about FAULT line, refer to Section 4.3 FAULT line.
Refer to Section 6.7 FAULT line circuit for the application circuit.
L9963E
General purpose I/O: GPIOs
DS13636 - Rev 4
page 59/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com