Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 146 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 142Page - STMicroelectronics L9963E Datasheet HTML 143Page - STMicroelectronics L9963E Datasheet HTML 144Page - STMicroelectronics L9963E Datasheet HTML 145Page - STMicroelectronics L9963E Datasheet HTML 146Page - STMicroelectronics L9963E Datasheet HTML 147Page - STMicroelectronics L9963E Datasheet HTML 148Page - STMicroelectronics L9963E Datasheet HTML 149Page - STMicroelectronics L9963E Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 184 page
background image
Components Value
Unit
Max.
tolerance
Rating
Comments
The USBLC6-2SC6Y is the recommended ESD clamp device.
It also protects the circuitry from spikes caused by a sudden
short to battery on the global ISO lines. Care must be taken
while routing the component on the PCB in order to minimize
inductive spikes upon ESD strikes. Refer to the AN2689
- Protection of automotive electronics from electrical
hazards, guidelines for design and component selection,
section 5 – PCB layout recommendations.
TRANSF
3.75 kV
The ESMIT-4180/A is recommended for isolated
communication interface
6.8.2
Capacitive-based insulation
The capacitive-based insulation is recommended for local communication lines between different L9963E in a
centralized BMS. It helps reducing the bill of material, while still guaranteeing common mode filtering between
stacked devices.
As shown in Centralized BMS, it is recommended to implement the isolation between HV and LV domains using
a transformer, for better EMC performances.
Figure 42. Capacitive based ISO lines circuit
RTERM
RTERM
CCM_FIL
CFIL
CFIL
BMIC
ISOPINT
ISOMINT
ISO AFE
DTVS
DTVS
RTERM
RTERM
CCM_FIL
CFIL
CFIL
BMIC
ISOPINT
ISOMINT
DTVS
DTVS
Table 82. Capacitive-based ISO lines BOM
Components Value
Unit
Max.
tolerance
Rating
Comments
RTERM
59
Ω
10%
1/16 W
Termination resistance. Differential output signal amplitude
can be calculated with the following equation:
VISODIFF=VCOM RTERM
RDIFF_ISO_OUT
CCM_FIL
6.8
nF
10%
10 V
Filter common mode noise in the kHz range (inverter
and other power converters). Pole introduced is
fcut_kℎz=
1
πCCM_KHZ RISODIFF2+RTERM+7.2kΩ .Do
not exceed 10 nF, otherwise common mode settling time upon
ISO port enable will last too long. Connect to AGND.
CISO
47
nF
10%
100 V
Filters the common mode, while letting the differential mode
pass. It acts as a high-pass filter with a cutoff frequency of
fcut=
1
2π RDIFF_ISO_OUT
2 RTERMO +RTERMCISOP
CFIL
22
pF
10%
16 V
Noise filtering capacitor
DTVS
SZESD8351P2T5G or PESD5V0V1. TVS for withstanding
hotplug
L9963E
ISO lines circuit
DS13636 - Rev 4
page 146/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com