Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963E Datasheet(PDF) 167 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 167 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 163Page - STMicroelectronics L9963E Datasheet HTML 164Page - STMicroelectronics L9963E Datasheet HTML 165Page - STMicroelectronics L9963E Datasheet HTML 166Page - STMicroelectronics L9963E Datasheet HTML 167Page - STMicroelectronics L9963E Datasheet HTML 168Page - STMicroelectronics L9963E Datasheet HTML 169Page - STMicroelectronics L9963E Datasheet HTML 170Page - STMicroelectronics L9963E Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 184 page
background image
Table 87. Additional components for hotplug protection
Components Value Unit
Max.
tolerance
Rating
Comments
RHOT
47
Ω
10%
1 W
Limits the inrush current flowing through the centralized clamp upon
hotplug
MHOT
100 V
The STD47N10F7AG is the recommended component to sustain hotplug
energy in centralized BMS with very high voltage battery packs. It features
100 V breakdown voltage, so it won’t be damaged during hotplug. Its
RDS_ON is 12.5 mΩ, thus guaranteeing a very low impedance path on the
GND line, once in normal operation
60 V
The STS8N6LF6AG is the recommended component to sustain hotplug
energy in distributed BMS. It features 60 V breakdown voltage, so it won’t
be damaged during hotplug. Its RDS_ON is 21 mΩ, thus guaranteeing a
very low impedance path on the GND line, once in normal operation
CGS
4.7
nF
10%
16 V
Filters any VDS spike coupled to the gate during hotplug via the MHOT
parasitic Miller capacitance. Along with RG, adds a delay in MHOT turn on
path, thus keeping the transistor safely OFF during hotplug.
RPD
100
kΩ
10%
1/10 W
Keeps MHOT safely OFF when L9963E power is removed. It only drains
50 uA from VTREF during normal operation
RG
1
kΩ
10%
1/10 W Limits the VTREF inrush current when turning ON MHOT
L9963E
Hotplug
DS13636 - Rev 4
page 167/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com