Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 31 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 31 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 27Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 28Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 29Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 30Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 31Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 32Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 33Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 34Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 31
dsPIC33EPXXXGS70X/80X FAMILY
bit 2
SFA: Stack Frame Active Status bit
1 = Stack frame is active; W14 and W15 address 0x0000 to 0xFFFF, regardless of DSRPAG
0 = Stack frame is not active; W14 and W15 address the base Data Space
bit 1
RND: Rounding Mode Select bit
1 = Biased (conventional) rounding is enabled
0 = Unbiased (convergent) rounding is enabled
bit 0
IF: Integer or Fractional Multiplier Mode Select bit
1 = Integer mode is enabled for DSP multiply
0 = Fractional mode is enabled for DSP multiply
REGISTER 3-2:
CORCON: CORE CONTROL REGISTER (CONTINUED)
Note 1:
This bit is always read as ‘0’.
2:
The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU Interrupt Priority Level.
REGISTER 3-3:
CTXTSTAT: CPU W REGISTER CONTEXT STATUS REGISTER
U-0
U-0
U-0
U-0
U-0
R-0
R-0
R-0
—
—
—
—
—
CCTXI2
CCTXI1
CCTXI0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R-0
R-0
R-0
—
—
—
—
—
MCTXI2
MCTXI1
MCTXI0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10-8
CCTXI<2:0>: Current (W Register) Context Identifier bits
111 = Reserved
•
•
•
101 = Reserved
100 = Alternate Working Register Set 4 is currently in use
011 = Alternate Working Register Set 3 is currently in use
010 = Alternate Working Register Set 2 is currently in use
001 = Alternate Working Register Set 1 is currently in use
000 = Default register set is currently in use
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
MCTXI<2:0>: Manual (W Register) Context Identifier bits
111 = Reserved
•
•
•
101 = Reserved
100 = Alternate Working Register Set 4 was most recently manually selected
011 = Alternate Working Register Set 3 was most recently manually selected
010 = Alternate Working Register Set 2 was most recently manually selected
001 = Alternate Working Register Set 1 was most recently manually selected
000 = Default register set was most recently manually selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com