Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 63 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 63 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 59Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 60Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 61Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 62Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 63Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 64Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 65Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 66Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 63
dsPIC33EPXXXGS70X/80X FAMILY
5.0
FLASH PROGRAM MEMORY
The dsPIC33EPXXXGS70X/80X family devices contain
internal Program Flash Memory for storing and
executing application code. The memory is readable,
writable and erasable during normal operation over the
entire VDD range.
Flash memory can be programmed in three ways:
• In-Circuit Serial Programming™ (ICSP™)
programming capability
• Enhanced In-Circuit Serial Programming
(Enhanced ICSP)
• Run-Time Self-Programming (RTSP)
ICSP allows for a dsPIC33EPXXXGS70X/80X family
device to be serially programmed while in the end
application circuit. This is done with a programming
clock and programming data (PGECx/PGEDx) line,
and three other lines for power (VDD), ground (VSS) and
Master Clear (MCLR). This allows customers to
manufacture boards with unprogrammed devices and
then program the device just before shipping the
product. This also allows the most recent firmware or a
custom firmware to be programmed.
Enhanced In-Circuit Serial Programming uses an
on-board bootloader, known as the Program Executive,
to manage the programming process. Using an SPI data
frame format, the Program Executive can erase,
program and verify program memory. For more informa-
tion on Enhanced ICSP, see the device programming
specification.
RTSP is accomplished using TBLRD (Table Read) and
TBLWT (Table Write) instructions. With RTSP, the user
application can write program memory data with a
single program memory word and erase program mem-
ory in blocks or ‘pages’ of 512 instructions (1536 bytes)
at a time.
5.1
Table Instructions and Flash
Programming
Regardless of the method used, all programming of
Flash memory is done with the Table Read and Table
Write instructions. These instructions allow direct read
and write access to the program memory space, from
the data memory, while the device is in normal operating
mode. The 24-bit target address in the program memory
is formed using bits<7:0> of the TBLPAG register and
the Effective Address (EA) from a W register, specified
in the table instruction, as shown in Figure 5-1. The
TBLRDL and the TBLWTL instructions are used to read or
write to bits<15:0> of program memory. TBLRDL and
TBLWTL can access program memory in both Word and
Byte modes. The TBLRDH and TBLWTH instructions are
used to read or write to bits<23:16> of program memory.
TBLRDH and TBLWTH can also access program memory
in Word or Byte mode.
FIGURE 5-1:
ADDRESSING FOR TABLE REGISTERS
Note 1: This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
of devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data sheet,
refer to “Dual Partition Flash Program
Memory” (DS70005156) in the “dsPIC33/
PIC24 Family Reference Manual”, which is
available from the Microchip website
(www.microchip.com)
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
0
Program Counter
24 Bits
Program Counter
TBLPAG Reg
8 Bits
Working Reg EA
16 Bits
Byte
24-Bit EA
0
1/0
Select
Using
Table Instruction
Using
User/Configuration
Space Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com