Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 64 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 64 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 60Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 61Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 62Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 63Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 64Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 65Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 66Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 67Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 64
 2016-2018 Microchip Technology Inc.
5.2
RTSP Operation
The dsPIC33EPXXXGS70X/80X family Flash program
memory array is organized into rows of 64 instructions
or 192 bytes. RTSP allows the user application to erase
a single page (8 rows or 512 instructions) of memory at
a time and to program one row at a time. It is possible
to program two instructions at a time as well.
The page erase and single row write blocks are
edge-aligned, from the beginning of program
memory, on boundaries of 1536 bytes and 192 bytes,
respectively. Figure 30-14 in Section 30.0 “Electrical
Characteristics” lists
the
typical
erase
and
programming times.
Row programming is performed by loading 192 bytes
into data memory and then loading the address of the
first byte in that row into the NVMSRCADR register.
Once the write has been initiated, the device will
automatically load the write latches and increment the
NVMSRCADR and the NVMADR(U) registers until
all bytes have been programmed. The RPDF bit
(NVMCON<9>) selects the format of the stored data in
RAM to be either compressed or uncompressed. See
Figure 5-2 for data formatting. Compressed data helps
to reduce the amount of required RAM by using the
upper byte of the second word for the MSB of the
second instruction.
The basic sequence for RTSP word programming is to
use the TBLWTL and TBLWTH instructions to load two of
the 24-bit instructions into the write latches found in
configuration memory space. Refer to Figure 4-1
through Figure 4-4 for write latch addresses. Program-
ming is performed by unlocking and setting the control
bits in the NVMCON register.
All erase and program operations may optionally use
the NVM interrupt to signal the successful completion
of the operation. For example, when performing Flash
write operations on the Inactive Partition in Dual
Partition mode, where the CPU remains running, it is
necessary to wait for the NVM interrupt before
programming the next block of Flash program memory.
FIGURE 5-2:
UNCOMPRESSED/
COMPRESSED FORMAT
5.3
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode. The processor stalls (waits) until the program-
ming operation is finished. Setting the WR bit
(NVMCON<15>) starts the operation and the WR bit is
automatically cleared when the operation is finished.
5.3.1
PROGRAMMING ALGORITHM FOR
FLASH PROGRAM MEMORY
Programmers can program two adjacent words
(24 bits x 2) of Program Flash Memory at a time on
every other word address boundary (0x000000,
0x000004, 0x000008, etc.). To do this, it is necessary to
erase the page that contains the desired address of the
location the user wants to change. For protection against
accidental operations, the write initiate sequence for
NVMKEY must be used to allow any erase or program
operation to proceed. After the programming command
has been executed, the user application must wait for
the programming time until programming is complete.
The two instructions following the start of the
programming sequence should be NOPs.
MSB1
0x00
LSW2
LSW1
0
7
15
Even Byte
Address
MSB2
0x00
MSB1
MSB2
LSW2
LSW1
0
7
15
Even Byte
Address
UNCOMPRESSED FORMAT (RPDF = 0)
COMPRESSED FORMAT (RPDF = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com