Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 68 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 68 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 64Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 65Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 66Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 67Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 68Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 69Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 70Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 71Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 68
 2016-2018 Microchip Technology Inc.
bit 8
URERR: Row Programming Data Underrun Error bit
1 = Indicates row programming operation has been terminated
0 = No data underrun error is detected
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
NVMOP<3:0>: NVM Operation Select bits(1,3,4)
1111 = Reserved
1110 = User memory bulk erase operation
1011 = Reserved
1010 = Reserved
1001 = Reserved
1000 = Boot memory double-word program operation in a Dual Partition Flash mode(7)
0101 = Reserved
0100 = Inactive Partition memory erase operation
0011 = Memory page erase operation
0010 = Memory row program operation
0001 = Memory double-word program operation(5)
0000 = Reserved
REGISTER 5-1:
NVMCON: NONVOLATILE MEMORY (NVM) CONTROL REGISTER (CONTINUED)
Note 1:
These bits can only be reset on a POR.
2:
If this bit is set, power consumption will be further reduced (IIDLE) and upon exiting Idle mode, there is a
delay (TVREG) before Flash memory becomes operational.
3:
All other combinations of NVMOP<3:0> are unimplemented.
4:
Execution of the PWRSAV instruction is ignored while any of the NVM operations are in progress.
5:
Two adjacent words on a 4-word boundary are programmed during execution of this operation.
6:
Only applicable when operating in Dual Partition mode.
7:
The specific Boot mode depends on bits<1:0> of the programmed data:
11 = Single Partition Flash mode
10 = Dual Partition Flash mode
01 = Protected Dual Partition Flash mode
00 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com