Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 92 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 92 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 88Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 89Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 90Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 91Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 92Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 93Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 94Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 95Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 92
 2016-2018 Microchip Technology Inc.
In addition, DMA transfers can be triggered by timers as
well as external interrupts. Each DMA channel is uni-
directional. Two DMA channels must be allocated to read
and write to a peripheral. If more than one channel
receives a request to transfer data, a simple fixed priority
scheme, based on channel number, dictates which
channel completes the transfer and which channel, or
channels, are left pending. Each DMA channel moves a
block of data, after which, it generates an interrupt to the
CPU to indicate that the block is available for processing.
The DMA Controller provides these functional
capabilities:
• Four DMA Channels
• Register Indirect with Post-Increment Addressing
mode
• Register Indirect without Post-Increment
Addressing mode
• Peripheral Indirect Addressing mode (peripheral
generates destination address)
• CPU Interrupt after Half or Full Block Transfer
Complete
• Byte or Word Transfers
• Fixed Priority Channel Arbitration
• Manual (software) or Automatic (peripheral DMA
requests) Transfer Initiation
• One-Shot or Auto-Repeat Block Transfer modes
• Ping-Pong mode (automatic switch between two
SRAM Start addresses after each block transfer
complete)
• DMA Request for each Channel can be Selected
from any Supported Interrupt Source
• Debug Support Features
The peripherals that can utilize DMA are listed in
Table 8-1.
TABLE 8-1:
DMA CHANNEL TO PERIPHERAL ASSOCIATIONS
Peripheral to DMA
Association
DMAxREQ Register
IRQSEL<7:0> Bits
DMAxPAD Register
(Values to Read from
Peripheral)
DMAxPAD Register
(Values to Write to
Peripheral)
INT0 – External Interrupt 0
00000000
——
IC1 – Input Capture 1
00000001
0x0144 (IC1BUF)
—
IC2 – Input Capture 2
00000101
0x014C (IC2BUF)
—
IC3 – Input Capture 3
00100101
0x0154 (IC3BUF)
—
IC4 – Input Capture 4
00100110
0x015C (IC4BUF)
—
OC1 – Output Compare 1
00000010
—
0x0906 (OC1R)
0x0904 (OC1RS)
OC2 – Output Compare 2
00000110
—
0x0910 (OC2R)
0x090E (OC2RS)
OC3 – Output Compare 3
00011001
—
0x091A (OC3R)
0x0918 (OC3RS)
OC4 – Output Compare 4
00011010
—
0x0924 (OC4R)
0x0922 (OC4RS)
TMR2 – Timer2
00000111
——
TMR3 – Timer3
00001000
——
TMR4 – Timer4
00011011
——
TMR5 – Timer5
00011100
——
UART1RX – UART1 Receiver
00001011
0x0226 (U1RXREG)
—
UART1TX – UART1 Transmitter
00001100
—
0x0224 (U1TXREG)
UART2RX – UART2 Receiver
00011110
0x0236 (U2RXREG)
—
UART2TX – UART2 Transmitter
00011111
—
0x0234 (U2TXREG)
CAN1 – RX Data Ready
00100010
0x04C0 (C1RXD)
—
CAN1 – TX Data Request
01000110
—
0x04C2 (C1TXD)
CAN2 – RX Data Ready
00110111
0x07C0(C2RXD)
—
CAN2 – TX Data Request
01000111
—
0x07C2 (C2TXD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com