Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 87Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 88Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 89Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 90Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 91Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 92Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 93Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 94Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 91
dsPIC33EPXXXGS70X/80X FAMILY
8.0
DIRECT MEMORY ACCESS
(DMA)
The DMA Controller transfers data between Peripheral
Data registers and Data Space SRAM.
In addition, DMA can access the entire data memory
space. The data memory bus arbiter is utilized when
either the CPU or DMA attempts to access SRAM,
resulting in potential DMA or CPU Stalls.
The DMA Controller supports four independent
channels. Each channel can be configured for transfers
to or from selected peripherals. The peripherals
supported by the DMA Controller include:
•CAN
•UART
• Input Capture
• Output Compare
•Timers
Refer to Table 8-1 for a complete list of supported
peripherals.
FIGURE 8-1:
PERIPHERAL TO DMA CONTROLLER
Note 1: This data sheet summarizes the features
of the dsPIC33EPXXXGS70X/80X family
of devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data
sheet, refer to “Direct Memory Access
(DMA)” (DS70348) in the “dsPIC33/
PIC24 Family Reference Manual”, which
is available from the Microchip website
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
DMA
PERIPHERAL
Data Memory
SRAM
(see Figure 4-10)
Arbiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com