Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 95 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 95 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 91Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 92Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 93Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 94Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 95Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 96Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 97Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 98Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 95
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 8-2:
DMAxREQ: DMA CHANNEL x IRQ SELECT REGISTER
R/S-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
FORCE(1)
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRQSEL<7:0>
bit 7
bit 0
Legend:
S = Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
FORCE: Force DMA Transfer bit(1)
1 = Forces a single DMA transfer (Manual mode)
0 = Automatic DMA transfer initiation by DMA request
bit 14-8
Unimplemented: Read as ‘0’
bit 7-0
IRQSEL<7:0>: DMA Peripheral IRQ Number Select bits
01000111 = CAN2 – TX data request
01000110 = CAN1 – TX data request
00110111 = CAN2 – RX data ready
00100110 = IC4 – Input Capture 4
00100101 = IC3 – Input Capture 3
00100010 = CAN1 – RX data ready
00011111 = UART2TX – UART2 transmitter
00011110 = UART2RX – UART2 receiver
00011100 = TMR5 – Timer5
00011011 = TMR4 – Timer4
00011010 = OC4 – Output Compare 4
00011001 = OC3 – Output Compare 3
00001100 = UART1TX – UART1 transmitter
00001011 = UART1RX – UART1 receiver
00001000 = TMR3 – Timer3
00000111 = TMR2 – Timer2
00000110 = OC2 – Output Compare 2
00000101 = IC2 – Input Capture 2
00000010 = OC1 – Output Compare 1
00000001 = IC1 – Input Capture 1
00000000 = INT0 – External Interrupt 0
Note 1:
The FORCE bit cannot be cleared by user software. The FORCE bit is cleared by hardware when the
forced DMA transfer is complete or the channel is disabled (CHEN = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com