Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 46 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 46 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 42Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 43Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 44Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 46Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 47Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 48Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 49Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 46
 2016-2018 Microchip Technology Inc.
TABLE 4-9:
SFR BLOCK 700h
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
NVM
C2INTF
78A
0000000000000000 C2RXF1SID
7C4
xxxxxxxxxxxxxxxx
NVMCON
728
0000000000000000 C2INTE
78C
0000000000000000 C2RXF1EID
7C6
xxxxxxxxxxxxxxxx
NVMADR
72A
0000000000000000 C2EC
78E
0000000000000000 C2RXF2SID
7C8
xxxxxxxxxxxxxxxx
NVMADRU
72C
0000000000000000 C2CFG1
790
0000000000000000 C2RXF2EID
7CA
xxxxxxxxxxxxxxxx
NVMKEY
72E
0000000000000000 C2CFG2
792
0x000xxxxxxxxxxx C2RXF3SID
7CC
xxxxxxxxxxxxxxxx
NVMSRCADR
730
0000000000000000 C2FEN1
794
1111111111111111 C2RXF3EID
7CE
xxxxxxxxxxxxxxxx
NVMSRCADRH
732
0000000000000000 C2FMSKSEL1
798
0000000000000000 C2RXF4SID
7D0
xxxxxxxxxxxxxxxx
System Control
C2FMSKSEL2
79A
0000000000000000 C2RXF4EID
7D2
xxxxxxxxxxxxxxxx
RCON
740
0x00x0x01x0xxxxx CAN (WIN (C1CTR1<0>) = 0)
C2RXF5SID
7D4
xxxxxxxxxxxxxxxx
OSCCON
742
0000000000000000 C2RXFUL1
7A0
0000000000000000 C2RXF5EID
7D6
xxxxxxxxxxxxxxxx
CLKDIV
744
0000000000000000 C2RXFUL2
7A2
0000000000000000 C2RXF6SID
7D8
xxxxxxxxxxxxxxxx
PLLFBD
746
0000000000000000 C2RXOVF1
7A8
0000000000000000 C2RXF6EID
7DA
xxxxxxxxxxxxxxxx
OSCTUN
748
0000000000000000 C2RXOVF2
7AA
0000000000000000 C2RXF7SID
7DC
xxxxxxxxxxxxxxxx
LFSR
74C
0000000000000000 C2TR01CON
7B0
0000000000000000 C2RXF7EID
7DE
xxxxxxxxxxxxxxxx
REFOCON
74E
0000000000000000 C2TR23CON
7B2
0000000000000000 C2RXF8SID
7E0
xxxxxxxxxxxxxxxx
ACLKCON
750
0000000001000000 C2TR45CON
7B4
0000000000000000 C2RXF8EID
7E2
xxxxxxxxxxxxxxxx
PMD
C2TR67CON
7B6
xxxxxxxxxxxxxxxx C2RXF9SID
7E4
xxxxxxxxxxxxxxxx
PMD1
760
0000000000000000 C2RXD
7C0
xxxxxxxxxxxxxxxx C2RXF9EID
7E6
xxxxxxxxxxxxxxxx
PMD2
762
0000000000000000 C2TXD
7C2
xxxxxxxxxxxxxxxx C2RXF10SID
7E8
xxxxxxxxxxxxxxxx
PMD3
764
0000000000000000 CAN (WIN (C1CTR1<0>) = 1)
C2RXF10EID
7EA
xxxxxxxxxxxxxxxx
PMD4
766
0000000000000000 C2BUFPNT1
7A0
0000000000000000 C2RXF11SID
7EC
xxxxxxxxxxxxxxxx
PMD6
76A
0000000000000000 C2BUFPNT2
7A2
0000000000000000 C2RXF11EID
7EE
xxxxxxxxxxxxxxxx
PMD7
76C
0000000000000000 C2BUFPNT3
7A4
0000000000000000 C2RXF12SID
7F0
xxxxxxxxxxxxxxxx
PMD8
76E
0000000000000000 C2BUFPNT4
7A6
0000000000000000 C2RXF12EID
7F2
xxxxxxxxxxxxxxxx
CAN (WIN (C1CTR1<0>) = 0 or 1)
C2RXM0SID
7B0
xxxxxxxxxxxxxxxx C2RXF13SID
7F4
xxxxxxxxxxxxxxxx
C2CTRL1
780
0000010010000000 C2RXM0EID
7B2
xxxxxxxxxxxxxxxx C2RXF13EID
7F6
xxxxxxxxxxxxxxxx
C2CTRL2
782
0000000000000000 C2RXM1SID
7B4
xxxxxxxxxxxxxxxx C2RXF14SID
7F8
xxxxxxxxxxxxxxxx
C2VEC
784
0000000001000000 C2RXM1EID
7B6
xxxxxxxxxxxxxxxx C2RXF14EID
7FA
xxxxxxxxxxxxxxxx
C2FCTRL
786
0000000000000000 C2RXM2SID
7B8
xxxxxxxxxxxxxxxx C2RXF15SID
7FC
xxxxxxxxxxxxxxxx
C2FIFO
788
0000000000000000 C2RXM2EID
7BA
xxxxxxxxxxxxxxxx C2RXF15EID
7FE
xxxxxxxxxxxxxxxx
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com