Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 65 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 65 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 61Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 62Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 63Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 64Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 65Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 66Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 67Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 68Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 65
dsPIC33EPXXXGS70X/80X FAMILY
5.4
Dual Partition Flash Configuration
For dsPIC33EPXXXGS70X/80X devices operating in
Dual Partition Flash Program Memory modes, the
Inactive Partition can be erased and programmed with-
out stalling the processor. The same programming
algorithms are used for programming and erasing the
Flash in the Inactive Partition, as described in
Section 5.2 “RTSP Operation”. On top of the page
erase option, the entire Flash memory of the Inactive
Partition
can
be
erased
by
configuring
the
NVMOP<3:0> bits in the NVMCON register.
5.4.1
FLASH PARTITION SWAPPING
The Boot Sequence Number is used for determining
the Active Partition at start-up and is encoded within
the FBTSEQ Configuration register bits. Unlike most
Configuration registers, which only utilize the lower
16 bits of the program memory, FBTSEQ is a 24-bit
Configuration Word. The Boot Sequence Number
(BSEQ) is a 12-bit value and is stored in FBTSEQ
twice. The true value is stored in bits, FBTSEQ<11:0>,
and its complement is stored in bits, FBTSEQ<23:12>.
At device Reset, the sequence numbers are read and
the partition with the lowest sequence number
becomes the Active Partition. If one of the Boot
Sequence Numbers is invalid, the device will select the
partition with the valid Boot Sequence Number, or
default to Partition 1 if both sequence numbers are
invalid. See Section 27.0 “Special Features” for more
information.
The BOOTSWP instruction provides an alternative
means of swapping the Active and Inactive Partitions
(soft swap) without the need for a device Reset. The
BOOTSWP must always be followed by a GOTO instruc-
tion. The BOOTSWP instruction swaps the Active and
Inactive Partitions, and the PC vectors to the location
specified by the GOTO instruction in the newly Active
Partition.
It is important to note that interrupts should temporarily
be disabled while performing the soft swap sequence
and that after the partition swap, all peripherals and
interrupts which were enabled remain enabled. Addi-
tionally, the RAM and stack will maintain state after the
switch. As a result, it is recommended that applications
using soft swaps jump to a routine that will reinitialize
the device in order to ensure the firmware runs as
expected. The Configuration registers will have no
effect during a soft swap.
For robustness of operation, in order to execute the
BOOTSWP instruction, it is necessary to execute the
NVM unlocking sequence as follows:
1.
Write 0x55 to NVMKEY.
2.
Write 0xAA to NVMKEY.
3.
Execute the BOOTSWP instruction.
If the unlocking sequence is not performed, the
BOOTSWP instruction will be executed as a forced NOP
and a GOTO instruction, following the BOOTSWP instruc-
tion, will be executed, causing the PC to jump to that
location in the current operating partition.
The SFTSWP and P2ACTIV bits in the NVMCON
register are used to determine a successful swap of the
Active and Inactive Partitions, as well as which partition
is active. After the BOOTSWP and GOTO instructions, the
SFTSWP bit should be polled to verify the partition
swap has occurred and then cleared for the next panel
swap event.
5.4.2
DUAL PARTITION MODES
While operating in Dual Partition mode, the
dsPIC33EPXXXGS70X/80X family devices have the
option for both partitions to have their own defined
security segments, as shown in Figure 27-4. Alterna-
tively, the device can operate in Protected Dual Partition
mode, where Partition 1 becomes permanently erase/
write-protected. Protected Dual Partition mode allows for
a “Factory Default” mode, which provides a fail-safe
backup image to be stored in Partition 1.
dsPIC33EPXXXGS70X/80X family devices can also
operate in Privileged Dual Partition mode, where addi-
tional security protections are implemented to allow for
protection of intellectual property when multiple parties
have software within the device. In Privileged Dual Par-
tition mode, both partitions place additional restrictions
on the FBSLIM register. These prevent changes to the
size of the Boot Segment and General Segment,
ensuring that neither segment will be altered.
5.5
Flash Memory Resources
Many useful resources are provided on the main
product page of the Microchip website for the devices
listed in this data sheet. This product page contains the
latest updates and additional information.
5.5.1
KEY RESOURCES
• “Dual Partition Flash Program Memory”
(DS70005156) in the “dsPIC33/PIC24 Family
Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools
Note 1: The application software to be loaded
into the Inactive Partition will have the
address of the Active Partition. The
bootloader firmware will need to offset
the address by 0x400000 in order to write
to the Inactive Partition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com