Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 34 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 34 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 30Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 31Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 32Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 33Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 34Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 35Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 36Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 37Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 34
 2016-2018 Microchip Technology Inc.
4.2
Unique Device Identifier (UDID)
All dsPIC33EPXXXGS70X/80X family devices are
individually encoded during final manufacturing with
a Unique Device Identifier or UDID. This feature
allows for manufacturing traceability of Microchip
Technology devices in applications where this is a
requirement. It may also be used by the application
manufacturer for any number of things that may
require unique identification, such as:
• Tracking the device
• Unique serial number
• Unique security key
The UDID comprises five 24-bit program words.
When taken together, these fields form a unique
120-bit identifier.
The UDID is stored in five read-only locations,
located between 800F00h and 800F08h in the
device configuration space. Table 4-1 lists the
addresses of the identifier words and shows their
contents.
TABLE 4-1:
UDID ADDRESSES
FIGURE 4-1:
PROGRAM MEMORY MAP FOR dsPIC33EP64GS70X/80X DEVICES
Name Address
Bits 23:16
Bits 15:8
Bits 7:0
UDID1
800F00
UDID Word 1
UDID2
800F02
UDID Word 2
UDID3
800F04
UDID Word 3
UDID4
800F06
UDID Word 4
UDID5
800F08
UDID Word 5
Reset Address
0x000000
0x000002
Write Latches
User Program
Flash Memory
0x00AF80
0x00AF7E
(22,016 instructions)
0xFA0000
0xFA0002
0xFA0004
DEVID
0xFEFFFE
0xFF0000
0xFFFFFE
0xF9FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
Reserved
0x000200
0x0001FE
Interrupt Vector Table
Device Configuration
0x00B000
0x00AFFE
Reserved
0xFF0002
Note:
Memory areas are not shown to scale.
0xFF0004
0x800000
0x7FFFFE
Reserved
0x800F80
0x800F7E
User OTP Memory
Reserved
Calibration Data
0x800E7A
0x800E78
0x800E48
0x800E46
0x801000
0x800FFC
0x800EFE
0x800F00
0x800F08
0x800F0A
UDID
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com