Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 44 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 44 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 40Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 41Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 42Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 43Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 44Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 46Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 47Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 44
 2016-2018 Microchip Technology Inc.
TABLE 4-6:
SFR BLOCK 400h
TABLE 4-7:
SFR BLOCK 500h
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
ADC (Continued)
C1FCTRL
486
0000000000000000 C1RXM2EID
4BA
xxxxxxxxxxxxxxxx
ADCON5L
400
0000000000000000 C1FIFO
488
0000000000000000 C1RXF1SID
4C4
xxxxxxxxxxxxxxxx
ADCON5H
402
0000000000000000 C1INTF
48A
0000000000000000 C1RXF1EID
4C6
xxxxxxxxxxxxxxxx
ADCAL0L
404
0000000000000000 C1INTE
48C
0000000000000000 C1RXF2SID
4C8
xxxxxxxxxxxxxxxx
ADCAL0H
406
0000000000000000 C1EC
48E
0000000000000000 C1RXF2EID
4CA
xxxxxxxxxxxxxxxx
ADCAL1H
40A
0000000000000000 C1CFG1
490
0000000000000000 C1RXF3SID
4CC
xxxxxxxxxxxxxxxx
ADCBUF0
40C
0000000000000000 C1CFG2
492
0x000xxxxxxxxxxx C1RXF3EID
4CE
xxxxxxxxxxxxxxxx
ADCBUF1
40E
0000000000000000 C1FEN1
494
1111111111111111 C1RXF4SID
4D0
xxxxxxxxxxxxxxxx
ADCBUF2
410
0000000000000000 C1FMSKSEL1
498
0000000000000000 C1RXF4EID
4D2
xxxxxxxxxxxxxxxx
ADCBUF3
412
0000000000000000 C1FMSKSEL2
49A
0000000000000000 C1RXF5SID
4D4
xxxxxxxxxxxxxxxx
ADCBUF4
414
0000000000000000 CAN (WIN (C1CTRL<0>) = 0)
C1RXF5EID
4D6
xxxxxxxxxxxxxxxx
ADCBUF5
416
0000000000000000 C1RXFUL1
4A0
0000000000000000 C1RXF6SID
4D8
xxxxxxxxxxxxxxxx
ADCBUF6
418
0000000000000000 C1RXFUL2
4A2
0000000000000000 C1RXF6EID
4DA
xxxxxxxxxxxxxxxx
ADCBUF7
41A
0000000000000000 C1RXOVF1
4A8
0000000000000000 C1RXF7SID
4DC
xxxxxxxxxxxxxxxx
ADCBUF8
41C
0000000000000000 C1RXOVF2
4AA
0000000000000000 C1RXF7EID
4DE
xxxxxxxxxxxxxxxx
ADCBUF9
41E
0000000000000000 C1TR01CON
4B0
0000000000000000 C1RXF8SID
4E0
xxxxxxxxxxxxxxxx
ADCBUF10
420
0000000000000000 C1TR23CON
4B2
0000000000000000 C1RXF8EID
4E2
xxxxxxxxxxxxxxxx
ADCBUF11
422
0000000000000000 C1TR45CON
4B4
0000000000000000 C1RXF9SID
4E4
xxxxxxxxxxxxxxxx
ADCBUF12
424
0000000000000000 C1TR67CON
4B6
xxxxxxxxxxxxxxxx C1RXF9EID
4E6
xxxxxxxxxxxxxxxx
ADCBUF13
426
0000000000000000 C1RXD
4C0
xxxxxxxxxxxxxxxx C1RXF10SID
4E8
xxxxxxxxxxxxxxxx
ADCBUF14
428
0000000000000000 C1TXD
4C2
xxxxxxxxxxxxxxxx C1RXF10EID
4EA
xxxxxxxxxxxxxxxx
ADCBUF15
42A
0000000000000000 CAN (WIN (C1CTR1<0>) = 1)
C1RXF11SID
4EC
xxxxxxxxxxxxxxxx
ADCBUF16
42C
0000000000000000 C1BUFPNT1
4A0
0000000000000000 C1RXF11EID
4EE
xxxxxxxxxxxxxxxx
ADCBUF17
42E
0000000000000000 C1BUFPNT2
4A2
0000000000000000 C1RXF12SID
4F0
xxxxxxxxxxxxxxxx
ADCBUF18
430
0000000000000000 C1BUFPNT3
4A4
0000000000000000 C1RXF12EID
4F2
xxxxxxxxxxxxxxxx
ADCBUF19
432
0000000000000000 C1BUFPNT4
4A6
0000000000000000 C1RXF13SID
4F4
xxxxxxxxxxxxxxxx
ADCBUF20
434
0000000000000000 C1RXM0SID
4B0
xxxxxxxxxxxxxxxx C1RXF13EID
4F6
xxxxxxxxxxxxxxxx
ADCBUF21
436
0000000000000000 C1RXM0EID
4B2
xxxxxxxxxxxxxxxx C1RXF14SID
4F8
xxxxxxxxxxxxxxxx
CAN (WIN (C1CTRL<0>) = 0 OR 1)
C1RXM1SID
4B4
xxxxxxxxxxxxxxxx C1RXF14EID
4FA
xxxxxxxxxxxxxxxx
C1CTRL1
480
000010010000000
C1RXM1EID
4B6
xxxxxxxxxxxxxxxx C1RXF15SID
4FC
xxxxxxxxxxxxxxxx
C1CTRL2
482
000000000000000
CAN
C1RXF15EID
4FE
xxxxxxxxxxxxxxxx
C1VEC
484
000000001000000
C1RXM2SID
4B8
xxxxxxxxxxxxxxxx
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
PGA
PGA2CAL
50A
0000000000000000 CMP2DAC
546
0000000000000000
ISRCCON
500
0000000000000000 Comparators
CMP3CON
548
0000000000000000
PGA1CON
504
0000000000000000 CMP1CON
540
0000000000000000 CMP3DAC
54A
0000000000000000
PGA1CAL
506
0000000000000000 CMP1DAC
542
0000000000000000 CMP4CON
54C
0000000000000000
PGA2CON
508
0000000000000000 CMP2CON
544
0000000000000000 CMP4DAC
54E
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com