Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 94 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 94 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 90Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 91Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 92Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 93Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 94Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 95Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 96Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 97Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 94
 2016-2018 Microchip Technology Inc.
8.1
DMA Controller Registers
Each DMA Controller Channel x (where x = 0 through 3)
contains the following registers:
• 16-Bit DMA Channel x Control Register (DMAxCON)
• 16-Bit DMA Channel x IRQ Select Register
(DMAxREQ)
• 32-Bit DMA Channel x Start Address Register A
(DMAxSTAL/H)
• 32-Bit DMA Channel x Start Address Register B
(DMAxSTBL/H)
• 16-Bit DMA Channel x Peripheral Address Register
(DMAxPAD)
• 14-Bit DMA Channel x Transfer Count Register
(DMAxCNT)
Additional status registers (DMAPWC, DMARQC,
DMAPPS, DMALCA and DSADRL/H) are common to all
DMA Controller channels. These status registers pro-
vide information on write and request collisions, as well
as on last address and channel access information.
The interrupt flags (DMAxIF) are located in an IFSx
register in the interrupt controller. The corresponding
interrupt enable control bits (DMAxIE) are located in an
IECx register in the interrupt controller and the
corresponding interrupt priority control bits (DMAxIP)
are located in an IPCx register in the interrupt controller.
REGISTER 8-1:
DMAxCON: DMA CHANNEL x CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
—
—
AMODE1
AMODE0
—
—MODE1
MODE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CHEN: DMA Channel Enable bit
1 = Channel is enabled
0 = Channel is disabled
bit 14
SIZE: DMA Data Transfer Size bit
1 =Byte
0 =Word
bit 13
DIR: Transfer Direction bit (source/destination bus select)
1 = Reads from RAM address, writes to peripheral address
0 = Reads from peripheral address, writes to RAM address
bit 12
HALF: Block Transfer Interrupt Select bit
1 = Initiates interrupt when half of the data has been moved
0 = Initiates interrupt when all of the data has been moved
bit 11
NULLW: Null Data Peripheral Write Mode Select bit
1 = Null data write to peripheral in addition to RAM write (DIR bit must also be clear)
0 = Normal operation
bit 10-6
Unimplemented: Read as ‘0’
bit 5-4
AMODE<1:0>: DMA Channel Addressing Mode Select bits
11 = Reserved
10 = Peripheral Indirect mode
01 = Register Indirect without Post-Increment mode
00 = Register Indirect with Post-Increment mode
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
MODE<1:0>: DMA Channel Operating Mode Select bits
11 = One-Shot, Ping-Pong modes are enabled (one block transfer from/to each DMA buffer)
10 = Continuous, Ping-Pong modes are enabled
01 = One-Shot, Ping-Pong modes are disabled
00 = Continuous, Ping-Pong modes are disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com