Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 43 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 43 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 39Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 40Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 41Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 42Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 43Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 44Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 46Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 43
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 4-4:
SFR BLOCK 200h
TABLE 4-5:
SFR BLOCK 300h
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
I2C1 and I2C2
U1STA
222
0000000010010000 SPI1BRGH
252
0000000000000000
I2C1CONL
200
0001000000000000 U1TXREG
224
0000000xxxxxxxxx
SPI1IMSKL
254
0000000000000000
I2C1CONH
202
0000000000000000 U1RXREG
226
0000000000000000
SPI1IMSKH
256
0000000000000000
I2C1STAT
204
0000000000000000 U1BRG
228
0000000000000000
SPI1URDTL
258
0000000000000000
I2C1ADD
206
0000000000000000 U2MODE
230
0000000000000000
SPI1URDTH
25A
0000000000000000
I2C1MSK
208
0000000000000000 U2STA
232
0000000010010000 SPI2CON1L
260
0000000000000000
I2C1BRG
20A
0000000000000000 U2TXREG
234
0000000xxxxxxxxx
SPI2CON1H
262
0000000000000000
I2C1TRN
20C
0000000011111111 U2RXREG
236
0000000000000000
SPI2CON2L
264
0000000000000000
I2C1RCV
20E
0000000000000000 U2BRG
238
0000000000000000
SPI2CON2H
266
0000000000000000
I2C2CON1
210
0001000000000000 SPI
SPI2STATL
268
0000000000101000
I2C2CON2
212
0000000000000000 SPI1CON1L
240
0000000000000000
SPI2STATH
26A
0000000000000000
I2C2STAT
214
0000000000000000 SPI1CON1H
242
0000000000000000
SPI2BUFL
26C
0000000000000000
I2C2ADD
216
0000000000000000 SPI1CON2L
244
0000000000000000
SPI2BUFH
26E
0000000000000000
I2C2MSK
218
0000000000000000 SPI1CON2H
246
0000000000000000
SPI3STAT
270
000xxxxxxxxxxxxx
I2C2BRG
21A
0000000000000000 SPI1STATL
248
0000000000101000
SPI2BRGH
272
0000000000000000
I2C2TRN
21C
0000000011111111 SPI1STATH
24A
0000000000000000
SPI2IMSKL
274
0000000000000000
I2C2RCV
21E
0000000000000000 SPI1BUFL
24C
0000000000000000
SPI2IMSKH
276
0000000000000000
UART1 and UART2
SPI1BUFH
24E
0000000000000000
SPI2URDTL
278
0000000000000000
U1MODE
220
0000000000000000 SPI1BRGL
250
000xxxxxxxxxxxxx
SPI2URDTH
27A
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
ADC
ADCMP0ENH
33A
0000000000000000 ADTRIG4L
390
0000000000000000
ADCON1L
300
0000000000000000 ADCMP0LO
33C
0000000000000000 ADTRIG4H
392
0000000000000000
ADCON1H
302
0000000001100000 ADCMP0HI
33E
0000000000000000 ADCMP0CON
3A0
0000000000000000
ADCON2L
304
0000000000000000 ADCMP1ENL
340
0000000000000000 ADCMP1CON
3A4
0000000000000000
ADCON2H
306
0000000000000000 ADCMP1ENH
342
0000000000000000 ADBASE
3C0
0000000000000000
ADCON3L
308
0000000000000000 ADCMP1LO
344
0000000000000000 ADLVLTRGL
3D0
0000000000000000
ADCON3H
30A
0000000000000000 ADCMP1HI
346
0000000000000000 ADLVLTRGH
3D2
0000000000000000
ADCON4L
30C
0000000000000000 ADFL0DAT
368
0000000000000000 ADCORE0L
3D4
0000000000000000
ADCON4H
30E
0000000000000000 ADFL0CON
36A
0000000000000000 ADCORE0H
3D6
0000001100000000
ADMOD0L
310
0000000000000000 ADFL1DAT
36C
0000000000000000 ADCORE1L
3D8
0000000000000000
ADMOD0H
312
0000000000000000 ADFL1CON
36E
0000000000000000 ADCORE1H
3DA
0000001100000000
ADMOD1L
314
0000000000000000 ADTRIG0L
380
0000000000000000 ADCORE2L
3DC
0000000000000000
ADIEL
320
0000000000000000 ADTRIG0H
382
0000000000000000 ADCORE2H
3DE
0000001100000000
ADIEH
322
0000000000000000 ADTRIG1L
384
0000000000000000 ADCORE3L
3E0
0000000000000000
ADCSS1L
328
0000000000000000 ADTRIG1H
386
0000000000000000 ADCORE3H
3E2
0000001100000000
ADCSS1H
32A
0000000000000000 ADTRIG2L
388
0000000000000000 ADEIEL
3F0
0000000000000000
ADSTATL
330
0000000000000000 ADTRIG2H
38A
0000000000000000 ADEIEH
3F2
0000000000000000
ADSTATH
332
0000000000000000 ADTRIG3L
38C
0000000000000000 ADEISTATL
3F8
0000000000000000
ADCMP0ENL
338
0000000000000000 ADTRIG3H
38E
0000000000000000 ADEISTATH
3FA
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com